Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0877603816 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0877603816
Description  2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 38 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0877603816 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0877603816 Datasheet HTML 1Page - Molex Electronics Ltd. 0877603816 Datasheet HTML 2Page - Molex Electronics Ltd. 0877603816 Datasheet HTML 3Page - Molex Electronics Ltd. 0877603816 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 0877603816

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877603016 MOLEX10-0877603016 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 30 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877603017 MOLEX10-0877603017 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 30 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Tray, Lead-free
0877603038 MOLEX10-0877603038 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 30 Circuits, 2.54關m (100關) Tin (Sn) Plating, Mating Pin Length: 3.06mm (.120), Tray, Lead-free
0877603216 MOLEX10-0877603216 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 32 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877603416 MOLEX10-0877603416 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 34 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
More results

Similar Description - 0877603816

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877600006 MOLEX10-0877600006 Datasheet
101Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 16 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877603616 MOLEX10-0877603616 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877603416 MOLEX10-0877603416 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 34 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877602216 MOLEX10-0877602216 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 22 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877603016 MOLEX10-0877603016 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 30 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877601816 MOLEX10-0877601816 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 18 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877600816 MOLEX10-0877600816 Datasheet
167Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 8 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877601046 MOLEX10-0877601046 Datasheet
114Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 10 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877605016 MOLEX10-0877605016 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 50 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877604816 MOLEX10-0877604816 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 48 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com