Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1143 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SB1143
Description  50V/4A Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SB1143 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SB1143 Datasheet HTML 1Page - Sanyo Semicon Device 2SB1143 Datasheet HTML 2Page - Sanyo Semicon Device 2SB1143 Datasheet HTML 3Page - Sanyo Semicon Device 2SB1143 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 2SB1143

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB1143 ONSEMI-2SB1143 Datasheet
320Kb / 7P
   Bipolar Transistor (-)50V, (-)4A, Low VCE(sat), (PNP)NPN Single TO-126ML
September, 2013
logo
Sanyo Semicon Device
2SB1143 SANYO-2SB1143 Datasheet
422Kb / 7P
   50V/4A Switching Applications
logo
ON Semiconductor
2SB1143S ONSEMI-2SB1143S Datasheet
320Kb / 7P
   Bipolar Transistor
September, 2013
2SB1143S ONSEMI-2SB1143S Datasheet
320Kb / 7P
   Bipolar Transistor (-)50V, (-)4A, Low VCE(sat), (PNP)NPN Single TO-126ML
September, 2013
logo
Sanyo Semicon Device
2SB1143S SANYO-2SB1143S Datasheet
422Kb / 7P
   50V/4A Switching Applications
More results

Similar Description - 2SB1143

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1143S SANYO-2SB1143S Datasheet
422Kb / 7P
   50V/4A Switching Applications
2SC4837 SANYO-2SC4837 Datasheet
107Kb / 4P
   50V/4A Switching Applications
2SA1855 SANYO-2SA1855 Datasheet
127Kb / 4P
   50V/4A Switching Applications
2SB986 SANYO-2SB986 Datasheet
111Kb / 3P
   50V/4A Switching Applications
2SB1168 SANYO-2SB1168 Datasheet
128Kb / 4P
   100V/4A Switching Applications
2SB1230 SANYO-2SB1230 Datasheet
116Kb / 4P
   100V/4A Switching Applications
2SA1827 SANYO-2SA1827 Datasheet
130Kb / 4P
   100V/4A Switching Applications
2SB1135 SANYO-2SB1135 Datasheet
99Kb / 3P
   50V/7A Switching Applications
2SB1165 SANYO-2SB1165 Datasheet
124Kb / 4P
   50V/5A Switching Applications
logo
ON Semiconductor
2SB826 ONSEMI-2SB826 Datasheet
101Kb / 4P
   50V / 12A Switching Applications
Jan-2011, Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com