Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90152-2106 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 90152-2106
Description  2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0關m (40關) Tin (Sn), 6 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90152-2106 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  90152-2106 Datasheet HTML 1Page - Molex Electronics Ltd. 90152-2106 Datasheet HTML 2Page - Molex Electronics Ltd. 90152-2106 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Grounding to PCB
No
Voltage - Maximum
350V AC/DC
Material Info
Reference - Drawing Numbers
Sales Drawing
SDA-90152
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 90152-2106

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90152-2104 MOLEX10-90152-2104 Datasheet
132Kb / 3P
   2.54mm Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins Straight PCB Pins, 1.0關m (40關") Tin (Sn), 4 Circuits
90152-2108 MOLEX10-90152-2108 Datasheet
561Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0關m (40關) Tin (Sn), 8 Circuits
More results

Similar Description - 90152-2106

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901522140 MOLEX10-0901522140 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0關m (40關) Tin (Sn), 40 Circuits
0901522110 MOLEX10-0901522110 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0關m (40關) Tin (Sn), 10 Circuits
0901522114 MOLEX10-0901522114 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0關m (40關) Tin (Sn), 14 Circuits
0901522118 MOLEX10-0901522118 Datasheet
561Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0關m (40關) Tin (Sn), 18 Circuits
0901522120 MOLEX10-0901522120 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0關m (40關) Tin (Sn), 20 Circuits
0901522160 MOLEX10-0901522160 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0關m (40關) Tin (Sn), 60 Circuits
0901522130 MOLEX10-0901522130 Datasheet
561Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0關m (40關) Tin (Sn), 30 Circuits
0901522164 MOLEX10-0901522164 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0關m (40關) Tin (Sn), 64 Circuits
0901522116 MOLEX10-0901522116 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0關m (40關) Tin (Sn), 16 Circuits
0901522108 MOLEX10-0901522108 Datasheet
561Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0關m (40關) Tin (Sn), 8 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com