Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0905712143 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0905712143
Description  2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 14 Circuits, 0.25 關m Gold (Au)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0905712143 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0905712143 Datasheet HTML 1Page - Molex Electronics Ltd. 0905712143 Datasheet HTML 2Page - Molex Electronics Ltd. 0905712143 Datasheet HTML 3Page - Molex Electronics Ltd. 0905712143 Datasheet HTML 4Page - Molex Electronics Ltd. 0905712143 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0905712143
Status:
Active
Description:
2.54mm (.100") Pitch QF-50™ Header, Vertical, Dual Row, Shrouded, DIN Keying, 14
Circuits, 0.25 µm Gold (Au)
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Ribbon Cable / Wire Trap Connectors
Series
90571
Comments
Eject Levers
Component Type
PCB Header
Glow-Wire Compliant
No
Product Name
QF-50™
Physical
Circuits (Loaded)
14
Circuits (maximum)
14
Color - Resin
Black
Durability (mating cycles max)
100
Entry Angle
Vertical
Flammability
94V-0
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
2
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
10
Plating min: Mating (µm)
0.25
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Closed Ends
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Through Hole
Wire Insulation Diameter
N/A
Wire Size AWG
N/A
Wire/Cable Type
Ribbon Cable
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90571Series
Mates With
90635 QF-50™ Female Housing


Similar Part No. - 0905712143

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0905712141 MOLEX10-0905712141 Datasheet
369Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 14 Circuits, 0.1 關m Gold (Au)
0905712142 MOLEX10-0905712142 Datasheet
361Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 14 Circuits, 0.76 關m Gold (Au)
0905712149 MOLEX10-0905712149 Datasheet
361Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 14 Circuits, Tin
More results

Similar Description - 0905712143

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0905712503 MOLEX10-0905712503 Datasheet
361Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 50 Circuits, 0.25 關m Gold (Au)
0905712343 MOLEX10-0905712343 Datasheet
361Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 34 Circuits, 0.25 關m Gold (Au)
0905712263 MOLEX10-0905712263 Datasheet
361Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 26 Circuits, 0.25 關m Gold (Au)
0905712203 MOLEX10-0905712203 Datasheet
369Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 20 Circuits, 0.25 關m Gold (Au)
0905712403 MOLEX10-0905712403 Datasheet
361Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 40 Circuits, 0.25 關m Gold (Au)
0905712142 MOLEX10-0905712142 Datasheet
361Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 14 Circuits, 0.76 關m Gold (Au)
0905712141 MOLEX10-0905712141 Datasheet
369Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 14 Circuits, 0.1 關m Gold (Au)
0905712501 MOLEX10-0905712501 Datasheet
369Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 50 Circuits, 0.1 關m Gold (Au)
0905712502 MOLEX10-0905712502 Datasheet
361Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 50 Circuits, 0.76 關m Gold (Au)
0905712641 MOLEX10-0905712641 Datasheet
369Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 64 Circuits, 0.1 關m Gold (Au)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com