Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0887419020 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0887419020
Description  MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital/ Analog-to-DVI-Digital/Analog, Single Link TMDS, Black, 5.0m (16.40) Length
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0887419020 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0887419020 Datasheet HTML 1Page - Molex Electronics Ltd. 0887419020 Datasheet HTML 2Page - Molex Electronics Ltd. 0887419020 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0887419020
Status:
Active
Overview:
microcross_dvi
Description:
MicroCross™ DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital/
Analog-to-DVI-Digital/Analog, Single Link TMDS, Black, 5.0m (16.40' ) Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
88744
Comments
Single Link TMDS
Connector to Connector
DVI-Digital/Analog-to-DVI-Digi
Overview
microcross_dvi
Product Name
MicroCross™DVI
Physical
Cable Length
5.0m (16.40' )
Circuits (Loaded)
29
Color - Resin
Black
Gender
Plug/Plug
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Packaging Type
Bag
Pitch - Mating Interface (in)
0.075 In, 0.100 In
Pitch - Mating Interface (mm)
1.90 mm, 2.54 mm
Plating min: Mating (µin)
10, 2
Plating min: Mating (µm)
0.05, 0.25
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.75
Single Ended
No
Termination Interface: Style
Solder or Weld
Wire Insulation Diameter
N/A
Wire Size AWG
N/A
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
3A
Shielded
Yes
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-88741-011
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
88744Series
Mates With
74320 MicroCross™ DVI-I Digital/Analog
Visual Interface, PCB Receptacle
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0887419020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887419000 MOLEX10-0887419000 Datasheet
187Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital/ Analog-to-DVI-Digital/Analog, Single Link TMDS, Black, 2.0m (6.56) Length
0887419010 MOLEX10-0887419010 Datasheet
187Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital/ Analog-to-DVI-Digital/Analog, Single Link TMDS, Black, 3.0m (9.84) Length
More results

Similar Description - 0887419020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887418120 MOLEX10-0887418120 Datasheet
175Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital-to-DVI-Digital, Dual Link TMDS, Black, 5.0m (16.40) Length
0887418220 MOLEX10-0887418220 Datasheet
177Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Analog to DVI-Analog, 5.0m (16.40) Length
0887418020 MOLEX10-0887418020 Datasheet
182Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital-to- DVI-Digital, Single Link TMDS, Black, 5.0m Length
0887419010 MOLEX10-0887419010 Datasheet
187Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital/ Analog-to-DVI-Digital/Analog, Single Link TMDS, Black, 3.0m (9.84) Length
0887419000 MOLEX10-0887419000 Datasheet
187Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital/ Analog-to-DVI-Digital/Analog, Single Link TMDS, Black, 2.0m (6.56) Length
0887418320 MOLEX10-0887418320 Datasheet
180Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Analog to VGA, Black, 5.0m (16.40) Length
0887418420 MOLEX10-0887418420 Datasheet
184Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Analog to P&D-Analog, Black, 5.0m (16.40) Length
0887418620 MOLEX10-0887418620 Datasheet
139Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital-to-DFP, Black, 5.0m (16.40) Length
0887418010 MOLEX10-0887418010 Datasheet
223Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Digital-to-DVI-Digital, Single Link TMDS, Black, 3.0m (9.84) Length
0887418200 MOLEX10-0887418200 Datasheet
178Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Analog to DVI-Analog, 2.0m (6.56) Length
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com