Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87761-4408 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87761-4408
Description  2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 44 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, 12.50mm (.492) Stacking
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87761-4408 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87761-4408 Datasheet HTML 1Page - Molex Electronics Ltd. 87761-4408 Datasheet HTML 2Page - Molex Electronics Ltd. 87761-4408 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0877614408
Status:
Active
Overview:
milligrid
Description:
2.00mm (.079") Pitch Milli-Grid™ Header, Dual Row Dual Body, Through Hole, Vertical,
44 Circuits, 0.76µm (30µ") Gold (Au) Selective Plating, 12.50mm (.492") Stacking
Height, Tray Packaging, Lead-free
Documents:
3D Model
Product Specification PS-87761-100 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
87761
Application
Board-to-Board
Overview
milligrid
Product Name
Dual Body, Milli-Grid™
Physical
Breakaway
Yes
Circuits (Loaded)
44
Circuits (maximum)
44
Color - Resin
Black
Durability (mating cycles max)
100
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Mated Height (in)
0.165 In
Mated Height (mm)
4.20 mm
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Tray
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
No
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87761Series
Mates With
79109 Board-to-Board Top/Bottom Entry
SMT Receptacle


Similar Part No. - 87761-4408

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87761-2001 MOLEX10-87761-2001 Datasheet
308Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 20 Circuits, 0.75關m (30關) Gold (Au) Selective Plating
87761-2400 MOLEX10-87761-2400 Datasheet
308Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 24 Circuits, 0.75關m (30關) Gold (Au) Selective Plating
87761-5001 MOLEX10-87761-5001 Datasheet
308Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 50 Circuits, 0.75關m (30關) Gold (Au) Selective Plating, 10.30mm (.406) Stacking Height
87761-5021 MOLEX10-87761-5021 Datasheet
309Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 50 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, 8.70mm (.343) Stacking Height
87761-5022 MOLEX10-87761-5022 Datasheet
237Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 50 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, 5.71mm (.225) Stacking Height
More results

Similar Description - 87761-4408

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877612400 MOLEX10-0877612400 Datasheet
308Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 24 Circuits, 0.75關m (30關) Gold (Au) Selective Plating
0877612001 MOLEX10-0877612001 Datasheet
308Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 20 Circuits, 0.75關m (30關) Gold (Au) Selective Plating
0877621633 MOLEX10-0877621633 Datasheet
127Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Surface Mount, Vertical, 16 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0877615001 MOLEX10-0877615001 Datasheet
308Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 50 Circuits, 0.75關m (30關) Gold (Au) Selective Plating, 10.30mm (.406) Stacking Height
0791077271 MOLEX9-0791077271 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075) Tail Length, 0.76關m (30關) Gold (Au) Selective Plating, 44 Circuits
0791081071 MOLEX9-0791081071 Datasheet
304Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Flex-to-Board Vertical Receptacle Dual Row Through-Hole, 0.76關m (30關) Gold (Au) Selective Plating, 44 Circuits, Leadfree
0877615021 MOLEX10-0877615021 Datasheet
309Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 50 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, 8.70mm (.343) Stacking Height
0877615022 MOLEX10-0877615022 Datasheet
237Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 50 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, 5.71mm (.225) Stacking Height
0877604417 MOLEX10-0877604417 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 44 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Tray, Lead-free
0872644453 MOLEX9-0872644453 Datasheet
225Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Side Entry, Through Hole, 0.76關m (30關) Gold (Au) Selective, 44 Circuits, Leadfree
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com