Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87835-4042 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87835-4042
Description  2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 40 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87835-4042 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87835-4042 Datasheet HTML 1Page - Molex Electronics Ltd. 87835-4042 Datasheet HTML 2Page - Molex Electronics Ltd. 87835-4042 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Current - Maximum per Contact
2.5A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-87835-001
Product Specification
PS-70246-100
Sales Drawing
SD-87835-003
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87835-4042

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87835-4043 MOLEX10-87835-4043 Datasheet
105Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 40 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
More results

Similar Description - 87835-4042

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878352442 MOLEX10-0878352442 Datasheet
118Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 24 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0878351642 MOLEX10-0878351642 Datasheet
118Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 16 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0878350842 MOLEX10-0878350842 Datasheet
118Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 8 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0878351242 MOLEX10-0878351242 Datasheet
118Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 12 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0878352042 MOLEX10-0878352042 Datasheet
118Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 20 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0878351442 MOLEX10-0878351442 Datasheet
118Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 14 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0878352642 MOLEX10-0878352642 Datasheet
118Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 26 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0878353442 MOLEX10-0878353442 Datasheet
118Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 34 Circuits, 0.76關m (30關) Gold (Au) Selective Plating,
0878351042 MOLEX10-0878351042 Datasheet
118Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 10 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0878355042 MOLEX10-0878355042 Datasheet
118Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 50 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com