Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA2037 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SA2037
Description  DC / DC Converter Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2037 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SA2037 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2037 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2037 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2037 Datasheet HTML 4Page - Sanyo Semicon Device 2SA2037 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA2037 / 2SC5694
No.6587-4/5
7
3
1.0
2
5
7
3
2
5
0.1
10
0.01
0.1
23
5
7
2
3
5
7
23
5 7
1.0
10
VCE(sat) -- IC
Collector Current, IC -- A
IT02360
2SC5694
IC / IB=20
--0.01
--0.1
23
5
7
23
5
7
2
3
5
7
--1.0
--10
VCE(sat) -- IC
Collector Current, IC -- A
IT02359
7
3
--1.0
2
5
7
3
2
5
--0.1
--10
2SA2037
IC / IB=20
A S O
Collector-to-Emitter Voltage, VCE -- V
7
5
3
2
0.1
1.0
7
5
3
2
7
5
3
2
10
2
1.0
10
100
25
37
25
37
IT02361
IC
ICP
100ms
10
µs
7
3
10
2
5
100
7
3
2
5
1000
7
3
2
5
10000
7
3
--10
2
5
--100
7
3
2
5
--1000
7
3
2
5
--10000
VBE(sat) -- IC
Collector Current, IC -- A
--0.01
25 7
3
--0.1
25 7
3
--1.0
25
7
3
--10
IT02357
2SA2037
IC / IB=50
VBE(sat) -- IC
0.01
25 7
3
0.1
25
7
3
1.0
25
7
3
10
IT02358
2SC5694
IC / IB=50
Ta=75
°C
--25
°C
25°
C
Ta=75
°C
--25
°C
25°
C
Ta= --25°C
75°C
25
°C
Ta= --25°C
75°C
25
°C
2SA2037 / 2SC5694
Tc=25
°C
Single Pulse
For PNP, minus sign is omitted
Collector Current, IC -- A
7
3
100
2
5
7
3
2
5
10
1000
0.01
0.1
23
5 7
2
3
5
7
23
5 7
1.0
10
VCE(sat) -- IC
Collector Current, IC -- A
IT02356
2SC5694
IC / IB=20
--0.01
--0.1
23
5
7
23
5
7
23
5
7
--1.0
--10
VCE(sat) -- IC
Collector Current, IC -- A
IT02355
7
3
--100
2
5
7
3
2
5
--10
--1000
2SA2037
IC / IB=20
Ta=75
°C
--25
°C 25°
C
Ta=75
°C
--25
°C
25
°C
0
1.6
1.2
1.4
1.0
0.8
0.6
0.4
0.2
Ambient Temperature, Ta --
°C
20
060
40
80
100
140
120
160
PC -- Ta
IT02362
2SA2037 / 2SC5694
No
heat
sink


Similar Part No. - 2SA2037

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA203 ETC-2SA203 Datasheet
33Kb / 1P
   2SA203
logo
Rohm
2SA2030 ROHM-2SA2030 Datasheet
80Kb / 3P
   Low frequency transistor
2SA2030 ROHM-2SA2030 Datasheet
145Kb / 3P
   Low frequency transistor
2SA2030 ROHM-2SA2030 Datasheet
1Mb / 12P
   Low frequency transistor(-12V, -500mA)
logo
Chenmko Enterprise Co. ...
2SA2030PT CHENMKO-2SA2030PT Datasheet
119Kb / 3P
   Low Ferquency PNP Transistor
More results

Similar Description - 2SA2037

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com