Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0887328712 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0887328712
Description  USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 1.50m (4.92) Length, Black
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0887328712 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0887328712 Datasheet HTML 1Page - Molex Electronics Ltd. 0887328712 Datasheet HTML 2Page - Molex Electronics Ltd. 0887328712 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - 0887328712

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887328702 MOLEX10-0887328702 Datasheet
188Kb / 3P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.50m (4.92) Length, Black
0887328702 MOLEX1-0887328702 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.50m Length, Black
0887328702 MOLEX1-0887328702_18 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.50m Length, Black
More results

Similar Description - 0887328712

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887328702 MOLEX10-0887328702 Datasheet
188Kb / 3P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.50m (4.92) Length, Black
0887538402 MOLEX10-0887538402 Datasheet
188Kb / 3P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, Mini A-to-Mini B, USB 2.0, 1.50m (4.92) Length, Black
0887328612 MOLEX1-0887328612_18 Datasheet
32Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 1.0m Length, Black
0887328912 MOLEX1-0887328912_18 Datasheet
32Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 2.0m
0887328610 MOLEX1-0887328610 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 1.0m Length, White
0887328912 MOLEX10-0887328912 Datasheet
156Kb / 3P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 2.0m (6.56) Length Black
0887328612 MOLEX10-0887328612 Datasheet
186Kb / 3P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 1.0m (3.28) Length, Black
0887328812 MOLEX10-0887328812 Datasheet
187Kb / 3P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 1.80m (5.91) Length, Black
0887328512 MOLEX10-0887328512 Datasheet
187Kb / 3P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 0.80m (2.62) Length, Black
0887328802 MOLEX1-0887328802_18 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.80m Length, Black
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com