Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0878910204 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0878910204
Description  2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 2 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray Packaging, Lead-free
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0878910204 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0878910204 Datasheet HTML 1Page - Molex Electronics Ltd. 0878910204 Datasheet HTML 2Page - Molex Electronics Ltd. 0878910204 Datasheet HTML 3Page - Molex Electronics Ltd. 0878910204 Datasheet HTML 4Page - Molex Electronics Ltd. 0878910204 Datasheet HTML 5Page - Molex Electronics Ltd. 0878910204 Datasheet HTML 6Page - Molex Electronics Ltd. 0878910204 Datasheet HTML 7Page - Molex Electronics Ltd. 0878910204 Datasheet HTML 8Page - Molex Electronics Ltd. 0878910204 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
12
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Product Specification
PS-87920-019
Sales Drawing
SD-87891-013
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0878910204

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878910206 MOLEX10-0878910206 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 2 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray Packaging, Lead-free
More results

Similar Description - 0878910204

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878910601 MOLEX10-0878910601 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 6 Circuits, 0.025關m (1關) Gold (Au) Plating, Tray Packaging, Lead-free
0022284154 MOLEX2-0022284154 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 15 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0878980364 MOLEX10-0878980364 Datasheet
1Mb / 19P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 3 Circuits, 0.38關m (15關) Gold (Au) Plating, Tray Packaging, without Cap, Lead-free
0022285135 MOLEX2-0022285135 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 13 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022284105 MOLEX2-0022284105 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 10 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0879110407 MOLEX10-0879110407 Datasheet
498Kb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, 4 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray Packaging, Lead-free
0878910206 MOLEX10-0878910206 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 2 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray Packaging, Lead-free
0877580216 MOLEX9-0877580216 Datasheet
182Kb / 4P
   2.00mm (.079") Pitch Milli-Grid??Header, Through Hole, Vertical, 2 Circuits, 0.38關m(15關") Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
0022284103 MOLEX2-0022284103 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 10 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022284104 MOLEX2-0022284104 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 10 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com