Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4730 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC4730
Description  100V/3A Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4730 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC4730 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4730 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4730 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4730 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 2SC4730

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4731 SANYO-2SC4731 Datasheet
130Kb / 4P
   100V/4A Switching Applications
2SC4732 SANYO-2SC4732 Datasheet
183Kb / 3P
   Transistors for TV Display Video Output Use
2SC4733 SANYO-2SC4733 Datasheet
183Kb / 3P
   Transistors for TV Display Video Output Use
2SC4734 SANYO-2SC4734 Datasheet
127Kb / 4P
   High Voltage Driver Applications?????????????
2SC4735 SANYO-2SC4735 Datasheet
91Kb / 3P
   27MHz CB Transceiver Driver Applications
More results

Similar Description - 2SC4730

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1167 SANYO-2SB1167 Datasheet
126Kb / 4P
   100V/3A Switching Applications
2SA1827 SANYO-2SA1827 Datasheet
130Kb / 4P
   100V/4A Switching Applications
2SB1232 SANYO-2SB1232 Datasheet
112Kb / 4P
   100V/40A Switching Applications
2SB1144 SANYO-2SB1144 Datasheet
130Kb / 4P
   100V/1.5A Switching Applications
2SB1231 SANYO-2SB1231 Datasheet
120Kb / 4P
   100V/25A Switching Applications
2SB1168 SANYO-2SB1168 Datasheet
128Kb / 4P
   100V/4A Switching Applications
2SB1230 SANYO-2SB1230 Datasheet
116Kb / 4P
   100V/4A Switching Applications
logo
PFC Device Inc.
SR3100H PFC-SR3100H Datasheet
559Kb / 5P
   3A 100V Schottky Rectifier
PTA3L100 PFC-PTA3L100 Datasheet
564Kb / 5P
   3A 100V HPTR짰 Schottky Rectifier
PTS3V100 PFC-PTS3V100 Datasheet
565Kb / 5P
   3A 100V HPTR Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com