Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87939-4001 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 87939-4001
Description  2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row Dual Body, with Plastic Pegs, 40 Circuits, 0.75關m (30關) Gold (Au) Selective Plating, 6.40mm(.251)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87939-4001 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  87939-4001 Datasheet HTML 1Page - Molex Electronics Ltd. 87939-4001 Datasheet HTML 2Page - Molex Electronics Ltd. 87939-4001 Datasheet HTML 3Page - Molex Electronics Ltd. 87939-4001 Datasheet HTML 4Page - Molex Electronics Ltd. 87939-4001 Datasheet HTML 5Page - Molex Electronics Ltd. 87939-4001 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Similar Part No. - 87939-4001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87939-0001 MOLEX10-87939-0001 Datasheet
103Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row Dual Body, with Plastic Pegs, 16 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
87939-2000 MOLEX10-87939-2000 Datasheet
333Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row Dual Body, with Plastic Pegs, 20 Circuits, 2.50關m (100關) Tin (Sn) Plating, 15.35mm(.604) Stacking Height
More results

Similar Description - 87939-4001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879390001 MOLEX10-0879390001 Datasheet
103Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row Dual Body, with Plastic Pegs, 16 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0015911403 MOLEX2-0015911403 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 40 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0713492086 MOLEX8-0713492086 Datasheet
432Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, Shrouded, 40 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, with Press-fit Plastic Pegs
0713492081 MOLEX8-0713492081 Datasheet
432Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, Shrouded30 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, with Press-fit Plastic Pegs
0713492071 MOLEX8-0713492071 Datasheet
432Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, Shrouded10 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, with Press-fit Plastic Pegs
0713492078 MOLEX8-0713492078 Datasheet
432Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, Shrouded24 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, with Press-fit Plastic Pegs
0713492076 MOLEX8-0713492076 Datasheet
432Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, Shrouded20 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, with Press-fit Plastic Pegs
0713492074 MOLEX8-0713492074 Datasheet
432Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, Shrouded16 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, with Press-fit Plastic Pegs
0713492091 MOLEX8-0713492091 Datasheet
432Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, Shrouded50 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, with Press-fit Plastic Pegs
0713492072 MOLEX8-0713492072 Datasheet
432Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, Shrouded12 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, with Press-fit Plastic Pegs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com