Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87898-2066 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87898-2066
Description  2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 20 Circuits, 2.50關m (98關) Tin (Sn) Plating, Tube Packaging, without Cap, Lead-free
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87898-2066 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87898-2066 Datasheet HTML 1Page - Molex Electronics Ltd. 87898-2066 Datasheet HTML 2Page - Molex Electronics Ltd. 87898-2066 Datasheet HTML 3Page - Molex Electronics Ltd. 87898-2066 Datasheet HTML 4Page - Molex Electronics Ltd. 87898-2066 Datasheet HTML 5Page - Molex Electronics Ltd. 87898-2066 Datasheet HTML 6Page - Molex Electronics Ltd. 87898-2066 Datasheet HTML 7Page - Molex Electronics Ltd. 87898-2066 Datasheet HTML 8Page - Molex Electronics Ltd. 87898-2066 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0878982066
Status:
Active
Overview:
kk
Description:
2.54mm (.100") Pitch KK® Header, Surface Mount, Breakaway, Vertical, 20 Circuits,
2.50µm (98µ") Tin (Sn) Plating, Tube Packaging, without Cap, Lead-free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-87920-019 (PDF)
General
Product Family
PCB Headers
Series
87898
Application
Board-to-Board, Wire-to-Board
Overview
kk
Product Name
KK®
Physical
Breakaway
Yes
Circuits (Loaded)
20
Circuits (maximum)
20
Color - Resin
Black
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Copper Alloy
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Polarized to Mating Part
No
Polarized to PCB
No
Robotic Placement
None
Shrouded
No
Stackable
No
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-89990-545
Product Specification
PS-87920-019
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87898Series
Mates With
KK® PCB Receptacles 4455. SL™ IDT
Housings 70430 , 7720, 70400. C-Grid®
PCB Receptacles 90147, 90148


Similar Part No. - 87898-2066

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87898-2026 MOLEX10-87898-2026 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 20 Circuits, Tin (Sn) Overall Plating, Tube Packaging, without Cap, Lead- free
More results

Similar Description - 87898-2066

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878980866 MOLEX10-0878980866 Datasheet
1Mb / 19P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 8 Circuits, 2.50關m (98關) Tin (Sn) Plating, Tube Packaging, without Cap, Lead-free
0878982466 MOLEX10-0878982466 Datasheet
1Mb / 19P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 24 Circuits , 2.50關m (98關) Tin (Sn) Plating, Tube Packaging, without Cap, Lead-free
0878980666 MOLEX10-0878980666 Datasheet
1Mb / 19P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 6 Circuits, 2.50關m (98關) Tin (Sn) Plating, Tube Packaging, without Cap, Lead-free
0878981366 MOLEX10-0878981366 Datasheet
1Mb / 19P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 13 Circuits, 2.50關m (98關) Tin (Sn) Overall Plating, Tube Packaging, without Cap, Lead-free
0878980366 MOLEX10-0878980366 Datasheet
1Mb / 19P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 3 Circuits, 2.50關m (98關) Tin (Sn) Plating, Tray Packaging, without Cap, Lead-free
0878981056 MOLEX10-0878981056 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 10 Circuits, 2.50關m (98關) Tin (Sn) Plating, Tape on Reel Packaging, with Cap, Lead-free
0878980556 MOLEX10-0878980556 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 5 Circuits, 2.50關m (98關) Tin (Sn) Plating, Tape on Reel Packaging, with Cap, Lead-free
0878981066 MOLEX10-0878981066 Datasheet
1Mb / 19P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 10 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tube Packaging, without Cap, Lead-free
0879209047 MOLEX10-0879209047 Datasheet
1Mb / 13P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 4 Circuits, 2.50關m (98關) Tin (Sn) Plating, without Cap, with Peg, Tube Packaging, Lead-free
0878982026 MOLEX10-0878982026 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 20 Circuits, Tin (Sn) Overall Plating, Tube Packaging, without Cap, Lead- free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com