Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4728 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC4728
Description  50V/5A Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4728 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC4728 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4728 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4728 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4728 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 2SC4728

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4720 ROHM-2SC4720 Datasheet
195Kb / 2P
   TRANSISTORS TO 92L TO-92LS MRT
2SC4720 ROHM-2SC4720 Datasheet
88Kb / 2P
   1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE
2SC4721 ROHM-2SC4721 Datasheet
195Kb / 2P
   TRANSISTORS TO 92L TO-92LS MRT
2SC4721 ROHM-2SC4721 Datasheet
88Kb / 2P
   1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE
logo
Toshiba Semiconductor
2SC4721P TOSHIBA-2SC4721P Datasheet
2Mb / 54P
   COLOR TELEVISION N1PS Chassis
Jul., 2001
More results

Similar Description - 2SC4728

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1165 SANYO-2SB1165 Datasheet
124Kb / 4P
   50V/5A Switching Applications
2SB1449 SANYO-2SB1449 Datasheet
124Kb / 4P
   50V/5A Switching Applications
2SB1134 SANYO-2SB1134_1 Datasheet
138Kb / 4P
   50V/5A Switching Applications
2SD1060 SANYO-2SD1060 Datasheet
57Kb / 5P
   50V / 5A Switching Applications
2SB1134 SANYO-2SB1134 Datasheet
123Kb / 4P
   50V/5A Switching Applications
2SB824 SANYO-2SB824 Datasheet
113Kb / 4P
   50V/5A Switching Applications
2SD1060 SANYO-2SD1060_12 Datasheet
300Kb / 4P
   NPN Epitaxial Planar Silicon Transistor 50V / 5A Switching Applications
2SA1854 SANYO-2SA1854 Datasheet
95Kb / 3P
   20V/5A Switching Applications
2SB920L SANYO-2SB920L Datasheet
126Kb / 4P
   80V/5A Switching Applications
2SB1140 SANYO-2SB1140 Datasheet
95Kb / 3P
   20V/5A Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com