Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0879190011 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0879190011
Description  1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 3.18mm (.125) Tail Length
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0879190011 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  0879190011 Datasheet HTML 1Page - Molex Electronics Ltd. 0879190011 Datasheet HTML 2Page - Molex Electronics Ltd. 0879190011 Datasheet HTML 3Page - Molex Electronics Ltd. 0879190011 Datasheet HTML 4Page - Molex Electronics Ltd. 0879190011 Datasheet HTML 5Page - Molex Electronics Ltd. 0879190011 Datasheet HTML 6Page - Molex Electronics Ltd. 0879190011 Datasheet HTML 7Page - Molex Electronics Ltd. 0879190011 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image


Similar Part No. - 0879190011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879190001 MOLEX10-0879190001 Datasheet
478Kb / 8P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 2.79mm (.110) Tail Length
More results

Similar Description - 0879190011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879190333 MOLEX10-0879190333 Datasheet
478Kb / 8P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, Black Latches, 240 Circuits, 1.8V Voltage Key, 3.18mm (.125) Tail Length
0879190111 MOLEX10-0879190111 Datasheet
478Kb / 8P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, Natural Latches, 240 Circuits, 1.8V Voltage Key, 3.18mm (.125) Tail Length
0879190001 MOLEX10-0879190001 Datasheet
478Kb / 8P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 2.79mm (.110) Tail Length
0879190101 MOLEX10-0879190101 Datasheet
478Kb / 8P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 2.79mm (.110) Tail Length
0879191001 MOLEX10-0879191001 Datasheet
477Kb / 8P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, Natural Latches, 240 Circuits, 1.8V Voltage Key, 4.00mm (.157) Tail Length
0878030032 MOLEX10-0878030032 Datasheet
356Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole, 1.8V Voltage Key, 3.18mm (.125) Tail Length, 0.38關m (15關) Gold (Au) Plating
0878030112 MOLEX10-0878030112 Datasheet
356Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole, 1.8V Voltage Key, 3.18mm (.125) Tail Length, 0.76關m (30關) Gold (Au) Plating
0878030012 MOLEX10-0878030012 Datasheet
356Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole, 1.8V Voltage Key, 3.18mm (.125) Tail Length, 0.38關m (15關") Gold (Au) Plating
0878030122 MOLEX10-0878030122 Datasheet
356Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole, 1.8V Voltage Key, 2.79mm (.110) Tail Length, 0.76關m
0878030002 MOLEX11-0878030002 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole, 1.8V Voltage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com