Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90152-2206 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 90152-2206
Description  2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 6 Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90152-2206 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  90152-2206 Datasheet HTML 1Page - Molex Electronics Ltd. 90152-2206 Datasheet HTML 2Page - Molex Electronics Ltd. 90152-2206 Datasheet HTML 3Page - Molex Electronics Ltd. 90152-2206 Datasheet HTML 4Page - Molex Electronics Ltd. 90152-2206 Datasheet HTML 5Page - Molex Electronics Ltd. 90152-2206 Datasheet HTML 6Page - Molex Electronics Ltd. 90152-2206 Datasheet HTML 7Page - Molex Electronics Ltd. 90152-2206 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Grounding to PCB
No
Voltage - Maximum
350V AC/DC
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Reference - Drawing Numbers
Sales Drawing
SDA-90152
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 90152-2206

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90152-2204 MOLEX10-90152-2204 Datasheet
561Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 4 Circuits
More results

Similar Description - 90152-2206

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901522216 MOLEX10-0901522216 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 16 Circuits
0901522250 MOLEX10-0901522250 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 50 Circuits
0901522260 MOLEX10-0901522260 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 60 Circuits
0901522218 MOLEX10-0901522218 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 18 Circuits
0901522264 MOLEX10-0901522264 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 64 Circuits
0901522226 MOLEX10-0901522226 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 26 Circuits
0901522234 MOLEX10-0901522234 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 34 Circuits
0901522204 MOLEX10-0901522204 Datasheet
561Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 4 Circuits
0901522230 MOLEX10-0901522230 Datasheet
561Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 30 Circuits
0901522214 MOLEX10-0901522214 Datasheet
560Kb / 8P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38關m (15關) Gold (Au) Selective, 14 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com