Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0901481115 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0901481115
Description  2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 15 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0901481115 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0901481115 Datasheet HTML 1Page - Molex Electronics Ltd. 0901481115 Datasheet HTML 2Page - Molex Electronics Ltd. 0901481115 Datasheet HTML 3Page - Molex Electronics Ltd. 0901481115 Datasheet HTML 4Page - Molex Electronics Ltd. 0901481115 Datasheet HTML 5Page - Molex Electronics Ltd. 0901481115 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901481115
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch C-Grid® PC Board Connector, Single Row, Right Angle, 1.0µm
(40µ") Tin (Sn), 15 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
90148
Application
Board-to-Board
Overview
cgrid__sl_products
Product Name
C-Grid®
Physical
Circuits (Loaded)
15
Circuits (maximum)
15
Color - Resin
Black
Durability (mating cycles max)
30
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Polarized to Mating Part
Yes
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90148Series
Mates With
C-Grid III™ Header 90120 , 90121


Similar Part No. - 0901481115

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901481110 MOLEX10-0901481110 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 10 Circuits
0901481112 MOLEX10-0901481112 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 12 Circuits
0901481116 MOLEX10-0901481116 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.8關m (30關) Gold (Au) Selective, 16 Circuits
0901481118 MOLEX10-0901481118 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 18 Circuits
More results

Similar Description - 0901481115

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901481130 MOLEX10-0901481130 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 30 Circuits
0901481107 MOLEX10-0901481107 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 7 Circuits
0901481105 MOLEX10-0901481105 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 5 Circuits
0901481104 MOLEX10-0901481104 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 4 Circuits
0901481103 MOLEX10-0901481103 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 3 Circuits
0901481110 MOLEX10-0901481110 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 10 Circuits
0901481132 MOLEX10-0901481132 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 32 Circuits
0901481106 MOLEX10-0901481106 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 6 Circuits
0901481118 MOLEX10-0901481118 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 18 Circuits
0901483101 MOLEX10-0901483101 Datasheet
414Kb / 7P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 2 Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com