Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0877612001 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0877612001
Description  2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 20 Circuits, 0.75關m (30關) Gold (Au) Selective Plating
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0877612001 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0877612001 Datasheet HTML 1Page - Molex Electronics Ltd. 0877612001 Datasheet HTML 2Page - Molex Electronics Ltd. 0877612001 Datasheet HTML 3Page - Molex Electronics Ltd. 0877612001 Datasheet HTML 4Page - Molex Electronics Ltd. 0877612001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image


Similar Part No. - 0877612001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877612400 MOLEX10-0877612400 Datasheet
308Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 24 Circuits, 0.75關m (30關) Gold (Au) Selective Plating
More results

Similar Description - 0877612001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877612400 MOLEX10-0877612400 Datasheet
308Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 24 Circuits, 0.75關m (30關) Gold (Au) Selective Plating
0877615001 MOLEX10-0877615001 Datasheet
308Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 50 Circuits, 0.75關m (30關) Gold (Au) Selective Plating, 10.30mm (.406) Stacking Height
0877614408 MOLEX10-0877614408 Datasheet
106Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 44 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, 12.50mm (.492) Stacking
0877621633 MOLEX10-0877621633 Datasheet
127Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Surface Mount, Vertical, 16 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0877615021 MOLEX10-0877615021 Datasheet
309Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 50 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, 8.70mm (.343) Stacking Height
0877615022 MOLEX10-0877615022 Datasheet
237Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 50 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, 5.71mm (.225) Stacking Height
0791077259 MOLEX9-0791077259 Datasheet
278Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075") Tail Length, 0.76關m (30關") Gold (Au) Selective Plating, 20 Circuits
0791077059 MOLEX9-0791077059 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.76關m (30關) Gold (Au) Selective Plating, 20 Circuits
0878315220 MOLEX10-0878315220 Datasheet
236Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, 20 Circuits, 0.38關m (15關) Gold (Au) Plating
1510633308 MOLEX1-1510633308 Datasheet
45Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Single Row, Vertical, 0.75關m Gold Plating
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com