Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87803-0132 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87803-0132
Description  1.00mm (.039) Pitch DDR2 DIMM Socket, Through Hole, 25째 Angle, 0.76關m (30關) Gold (Au), 3.18mm (0.125) Soldertail, 240 Circuits, Lead free
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87803-0132 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87803-0132 Datasheet HTML 1Page - Molex Electronics Ltd. 87803-0132 Datasheet HTML 2Page - Molex Electronics Ltd. 87803-0132 Datasheet HTML 3Page - Molex Electronics Ltd. 87803-0132 Datasheet HTML 4Page - Molex Electronics Ltd. 87803-0132 Datasheet HTML 5Page - Molex Electronics Ltd. 87803-0132 Datasheet HTML 6Page - Molex Electronics Ltd. 87803-0132 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0878030132
Status:
Active
Description:
1.00mm (.039") Pitch DDR2 DIMM Socket, Through Hole, 25° Angle, 0.76µm (30µ")
Gold (Au), 3.18mm (0.125") Soldertail, 240 Circuits, Lead free
Documents:
3D Model
Product Specification PS-87803-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Memory Module Sockets
Series
87803
Comments
<LI>Latches in Off-white color<LI>Lubricant at the
Contact
Component Type
Socket
JEDEC Outline
MO-237
Product Name
DDR2 DIMM
Physical
Circuits (Loaded)
240
Color - Resin
Black, Natural
Durability (mating cycles max)
25
Entry Angle
25° Angle
Flammability
94V-0
Keying to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PC Tail Length (in)
0.125 In
PC Tail Length (mm)
3.18 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.36 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.54
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
30V AC (RMS)/DC
Voltage Key
1.8V, Center
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
2
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87803Series
Mates With
JEDEC standard 1.27mm modules


Similar Part No. - 87803-0132

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87803-0102 MOLEX10-87803-0102 Datasheet
356Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole, 1.8V Voltage Key, 2.79mm (.110) Tail Length, 0.76關m (30關) Gold (Au) Plating
87803-0112 MOLEX10-87803-0112 Datasheet
356Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole, 1.8V Voltage Key, 3.18mm (.125) Tail Length, 0.76關m (30關) Gold (Au) Plating
87803-0122 MOLEX10-87803-0122 Datasheet
356Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole, 1.8V Voltage Key, 2.79mm (.110) Tail Length, 0.76關m
87803-0152 MOLEX10-87803-0152 Datasheet
360Kb / 7P
   1.00mm (.039) Pitch DDR2 DIMM Socket, Through Hole, 25째 Angle, 0.76關m (30關) Gold (Au), 4.00mm (0.157) Soldertail, 240 Circuits, Lead free
More results

Similar Description - 87803-0132

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877751011 MOLEX10-0877751011 Datasheet
469Kb / 8P
   1.00mm (.039) Pitch DDR2 DIMM Socket, Through Hole, 0.76關m (30關) Gold (Au), 3.18mm (0.125) Soldertail, 276 Circuits, Lead free
0878030152 MOLEX10-0878030152 Datasheet
360Kb / 7P
   1.00mm (.039) Pitch DDR2 DIMM Socket, Through Hole, 25째 Angle, 0.76關m (30關) Gold (Au), 4.00mm (0.157) Soldertail, 240 Circuits, Lead free
0877751101 MOLEX10-0877751101 Datasheet
469Kb / 8P
   1.00mm (.039) Pitch DDR2 DIMM Socket, Through Hole, 0.76關m (30關) Gold (Au), 4.00mm (0.157) Soldertail, 276 Circuits, Lead free
0877751001 MOLEX10-0877751001 Datasheet
468Kb / 8P
   1.00mm (.039) Pitch DDR2 DIMM Socket, Through Hole, 0.76關m (30關) Gold (Au), 2.67mm (0.109) Soldertail, 276 Circuits, Lead free
0879660002 MOLEX10-0879660002 Datasheet
399Kb / 7P
   1.00mm (.039) Pitch DDR2 DIMM Socket, SMT, 0.76關m (30關) Gold (Au), 240 Circuit, Lead free
0780610011 MOLEX9-0780610011 Datasheet
373Kb / 7P
   1.00mm (.039") Pitch Fully Buffered DIMM Socket, Vertical, Through Hole, 0.76關m (30關") Gold(Au) Selective Plating, 240 Circuits
0879160011 MOLEX10-0879160011 Datasheet
318Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 22.5 Degree Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 0.76關m (30關) Gold (Au) Plating
0879160001 MOLEX10-0879160001 Datasheet
318Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, 22.5 Degree Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 0.76關m (30關) Gold (Au) Plating
0780790211 MOLEX9-0780790211 Datasheet
822Kb / 10P
   1.00mm (.039") Pitch DDR3 DIMM Socket, Vertical, Through Hole, with Beveled Metal Pins, Blue Housing and Off-White Latches, 0.76關m (30關") Gold (Au) Plating2.67mm(.105") Soldertail, 240 Circuits, Lead free
0780610061 MOLEX9-0780610061 Datasheet
373Kb / 7P
   1.00mm (.039) Pitch Fully Buffered DIMM Socket, Vertical, Through Hole, 0.76關m (30關) Gold(Au) Selective Plating, 240 Circuits, with Beveled Metal Pins
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com