Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87985-8044 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87985-8044
Description  2.00mm (.079) Pitch Milli-Grid??IDT Receptacle, Dual Row, with Center Polarization Key and Embossed Metal Latch, 44 Circuits, 0.38關m (15關) Gold(Au) Plating on contact
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87985-8044 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87985-8044 Datasheet HTML 1Page - Molex Electronics Ltd. 87985-8044 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0879858044
Status:
Active
Description:
2.00mm (.079") Pitch Milli-Grid™ IDT Receptacle, Dual Row, with Center Polarization
Key and Embossed Metal Latch, 44 Circuits, 0.38µm (15µ") Gold(Au) Plating on contact
area, 1.88µm (74µ") Tin(Sn) Plating on IDT area, Lead free
Documents:
3D Model
Product Specification PS-87985-026 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
IDT and Solder Connectors
Series
87985
Crimp Quality Equipment
Yes
Product Name
Milli-Grid™
Use With
Stranded Flat Ribbon Cables
Physical
Circuits (Loaded)
44
Circuits (maximum)
44
Durability (mating cycles max)
500
Gender
Receptacle
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Beryllium Copper, Stainless Steel
Number of Rows
2
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Polarized to Mating Part
Yes
Temperature Range - Operating
-40°C to +85°C
Wire Size AWG
26, 28
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-87985-026
Sales Drawing
SD-87985-015
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87985Series
Mates With
Milli-Grid(TM) Headers 87981 , 87982 ,
87983 , 87984
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87985-8044

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87985-8040 MOLEX10-87985-8040 Datasheet
159Kb / 2P
   2.00mm (.079) Pitch Milli-Grid??IDT Receptacle, Dual Row, with Center Polarization Key and Embossed Metal Latch, 40 Circuits, 0.38關m (15關) Gold(Au) Plating on contact area
More results

Similar Description - 87985-8044

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879858050 MOLEX10-0879858050 Datasheet
159Kb / 2P
   2.00mm (.079) Pitch Milli-Grid??IDT Receptacle, Dual Row, with Center Polarization Key and Embossed Metal Latch, 50 Circuits, 0.38關m (15關) Gold(Au) Plating on contact area
0879858040 MOLEX10-0879858040 Datasheet
159Kb / 2P
   2.00mm (.079) Pitch Milli-Grid??IDT Receptacle, Dual Row, with Center Polarization Key and Embossed Metal Latch, 40 Circuits, 0.38關m (15關) Gold(Au) Plating on contact area
0879858030 MOLEX10-0879858030 Datasheet
159Kb / 2P
   2.00mm (.079) Pitch Milli-Grid??IDT Receptacle, Dual Row, with Center Polarization Key and Embossed Metal Latch, 30 Circuits
0879833044 MOLEX10-0879833044 Datasheet
213Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 44 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0879833144 MOLEX10-0879833144 Datasheet
212Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 44 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878314431 MOLEX10-0878314431 Datasheet
163Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Shrouded, Lead-free, 44 Circuits 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot, with Locking Windows
0878314420 MOLEX10-0878314420 Datasheet
230Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 44 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878314428 MOLEX10-0878314428 Datasheet
201Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 44 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0873684424 MOLEX9-0873684424 Datasheet
131Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Side Entry, 0.38關m (15關) Gold (Au) Plating, 44 Circuits, Leadfree
0879813044 MOLEX10-0879813044 Datasheet
185Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Straddle Mount, Right Angle, Shrouded, Lead-free, 44 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com