Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90327-0326 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 90327-0326
Description  1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 26 Circuits, Natural, Tin Plated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90327-0326 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  90327-0326 Datasheet HTML 1Page - Molex Electronics Ltd. 90327-0326 Datasheet HTML 2Page - Molex Electronics Ltd. 90327-0326 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Sales Drawing
SDA-90327
Connectors, 4-26
Circuit
Arbor Press Fixture
for 91577 Picoflex®
Connectors
0690201908
Semi-Automatic
Bench Press
PB14 for 90327
Connectors, 4 to 26
Circuit
0691271001
Extrator Tool
for Picoflex™
Connectors
0621006000
Arbor Press Fixture 0690201902
This document was generated on 03/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 90327-0326

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90327-0326 MOLEX10-90327-0326 Datasheet
167Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 26 Circuits, Natural, Tin Plated, Tin Plated, Reeling Option C
90327-0326 MOLEX10-90327-0326 Datasheet
168Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 26 Circuits, Natural, Tin Plated, Tin Plated, Reeling Option B
90327-0326 MOLEX10-90327-0326 Datasheet
167Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 26 Circuits, Natural, Tin Plated, Tin Plated, Reeling Option A
90327-0326 MOLEX10-90327-0326 Datasheet
168Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 26 Circuits, Natural, Tin Plated, Tin Plated, Reeling Option D
90327-0326 MOLEX2-90327-0326 Datasheet
1Mb / 20P
   1.27mm IDT Connector System for Ribbon Cable Applications
More results

Similar Description - 90327-0326

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0903273326 MOLEX10-0903273326 Datasheet
123Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 26 Circuits, Natural, Gold Plated
0903270310 MOLEX10-0903270310 Datasheet
123Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 10 Circuits, Natural, Tin Plated
0903270312 MOLEX10-0903270312 Datasheet
123Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 12 Circuits, Natural, Tin Plated
0903270318 MOLEX10-0903270318 Datasheet
123Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 18 Circuits, Natural, Tin Plated
0903270320 MOLEX10-0903270320 Datasheet
123Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 20 Circuits, Natural, Tin Plated
0903270308 MOLEX10-0903270308 Datasheet
123Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 8 Circuits, Natural, Tin Plated
0903270304 MOLEX10-0903270304 Datasheet
123Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 4 Circuits, Natural, Tin Plated
0903270316 MOLEX10-0903270316 Datasheet
123Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 16 Circuits, Natural, Tin Plated
0903270322 MOLEX10-0903270322 Datasheet
123Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 22 Circuits, Natural, Tin Plated
0903270324 MOLEX10-0903270324 Datasheet
123Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 24 Circuits, Natural, Tin Plated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com