Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90121-0292 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 90121-0292
Description  2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle 12 Circuits, Gold (Au) Plating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90121-0292 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  90121-0292 Datasheet HTML 1Page - Molex Electronics Ltd. 90121-0292 Datasheet HTML 2Page - Molex Electronics Ltd. 90121-0292 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901210292
Status:
Active
Description:
2.54mm (.100") Pitch C-Grid III™ Header, Single Row, Right Angle 12 Circuits, Gold
(Au) Plating
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-99020-0001 (PDF)
General
Product Family
PCB Headers
Series
90121
Application
Wire-to-Board
Product Name
C-Grid III™
Physical
Breakaway
Yes
Circuits (Loaded)
12
Circuits (maximum)
12
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
15.2
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90121Series


Similar Part No. - 90121-0292

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90121-0285 MOLEX10-90121-0285 Datasheet
150Kb / 3P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle 5 Circuits, Gold (Au) Plating
More results

Similar Description - 90121-0292

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901210285 MOLEX10-0901210285 Datasheet
150Kb / 3P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle 5 Circuits, Gold (Au) Plating
0901210132 MOLEX10-0901210132 Datasheet
211Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 12 Circuits, Tin (Sn) Plating
0901200320 MOLEX10-0901200320 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 40 Circuits, Gold (Au) Plating
0901200761 MOLEX10-0901200761 Datasheet
1Mb / 9P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, 1 Circuits, Gold (Au) Plating
0901211092 MOLEX1-0901211092_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid III Header, Single Row, Right Angle, 12 Circuits, 0.10關m Gold (Au) Selective Plating
0901210932 MOLEX10-0901210932 Datasheet
210Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 12 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901210772 MOLEX10-0901210772 Datasheet
210Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 12 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0901210132 MOLEX1-0901210132_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid III Header, Single Row, Right Angle, 12 Circuits, Tin (Sn) Plating
0901211085 MOLEX1-0901211085_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid III Header, Single Row, Right Angle, 5 Circuits, 0.10關m Gold (Au) 2.54mm Pitch C-Grid III Header, Single Row, Right Angle, 5 Circuits, 0.10關m Gold (Au)
0901362212 MOLEX1-0901362212_17 Datasheet
29Kb / 2P
   C-Grid III Header, Single Row, Right Angle, Shrouded, 12 Circuits, 0.38關m Gold (Au) Selective Plating
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com