Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0879370801 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0879370801
Description  2.54mm (.100) Pitch KK짰 Header, Single Row Dual Body, Through Hole, Vertical, 8 Circuits, 0.75關m (29關) Gold (Au) Plating, 10.90mm (.429) Stacking Height
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0879370801 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0879370801 Datasheet HTML 1Page - Molex Electronics Ltd. 0879370801 Datasheet HTML 2Page - Molex Electronics Ltd. 0879370801 Datasheet HTML 3Page - Molex Electronics Ltd. 0879370801 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0879370801
Status:
Active
Overview:
kk
Description:
2.54mm (.100") Pitch KK® Header, Single Row Dual Body, Through Hole, Vertical,
8 Circuits, 0.75µm (29µ") Gold (Au) Plating, 10.90mm (.429") Stacking Height, Tray
Packaging, Lead-free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-87920-019 (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Headers
Series
87937
Application
Board-to-Board, Wire-to-Board
Overview
kk
Product Name
Dual Body, KK®
Physical
Breakaway
Yes
Circuits (Loaded)
8
Circuits (maximum)
8
Color - Resin
Black
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Mated Height (in)
0.480 In
Mated Height (mm)
12.20 mm
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.480 In
PC Tail Length (mm)
12.20 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
29
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
29
Plating min: Termination (µm)
0.75
Polarized to Mating Part
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87937Series
Mates With
KK® PCB Receptacles 4455. SL™ IDT
Housings 70430 , 7720, 70400. C-Grid®
PCB Receptacles 90147, 90148


Similar Part No. - 0879370801

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879370800 MOLEX10-0879370800 Datasheet
194Kb / 4P
   2.54mm (.100) Pitch KK짰 Header, Single Row Dual Body, Through Hole, Vertical, 8 Circuits, 2.50關m (100關) Tin (Sn) Plating, 12.00mm (.472) Stacking Height
0879370802 MOLEX10-0879370802 Datasheet
102Kb / 3P
   2.54mm (.100) Pitch KK짰 Header, Single Row Dual Body, Through Hole, Vertical, 8 Circuits, 2.50關m (100關) Tin (Sn) Plating, 11.00mm (.433) Stacking Height
More results

Similar Description - 0879370801

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879370600 MOLEX10-0879370600 Datasheet
194Kb / 4P
   2.54mm (.100) Pitch KK짰 Header, Single Row Dual Body, Through Hole, Vertical, 6 Circuits, 0.75關m (29關) Gold (Au) Plating, 10.90mm (.429) Stacking Height
0879371600 MOLEX10-0879371600 Datasheet
195Kb / 4P
   2.54mm (.100) Pitch KK짰 Header, Single Row Dual Body, Through Hole, Vertical, 16 Circuits, 0.25關m (10關) Gold(Au) Selective Plating, 17.63mm (.694) Stacking Height
0879371601 MOLEX10-0879371601 Datasheet
195Kb / 4P
   2.54mm (.100) Pitch KK짰 Header, Single Row Dual Body, Through Hole, Vertical, 16 Circuits, 0.25關m (10關) Gold(Au) Selective Plating, 19.05mm (.750) Stacking Height
0879370800 MOLEX10-0879370800 Datasheet
194Kb / 4P
   2.54mm (.100) Pitch KK짰 Header, Single Row Dual Body, Through Hole, Vertical, 8 Circuits, 2.50關m (100關) Tin (Sn) Plating, 12.00mm (.472) Stacking Height
0879370802 MOLEX10-0879370802 Datasheet
102Kb / 3P
   2.54mm (.100) Pitch KK짰 Header, Single Row Dual Body, Through Hole, Vertical, 8 Circuits, 2.50關m (100關) Tin (Sn) Plating, 11.00mm (.433) Stacking Height
0879371206 MOLEX10-0879371206 Datasheet
102Kb / 3P
   2.54mm (.100) Pitch KK짰 Header, Single Row Dual Body, Through Hole, Vertical, 12 Circuits, 2.50關m (100關) Tin (Sn) Plating, 11.00mm (.433) Stacking Height
0879370106 MOLEX10-0879370106 Datasheet
102Kb / 3P
   2.54mm (.100) Pitch KK짰 Header, Single Row Dual Body, Through Hole, Vertical, 1 Circuits, 2.50關m (100關) Tin (Sn) Plating, 11.00mm (.433) Stacking Height
0879370406 MOLEX10-0879370406 Datasheet
102Kb / 3P
   2.54mm (.100) Pitch KK짰 Header, Single Row Dual Body, Through Hole, Vertical, 4 Circuits, 2.50關m (100關) Tin (Sn) Plating, 11.00mm (.433) Stacking Height
0879370502 MOLEX10-0879370502 Datasheet
102Kb / 3P
   2.54mm (.100) Pitch KK짰 Header, Single Row Dual Body, Through Hole, Vertical, 5 Circuits, 2.50關m (100關") Tin (Sn) Plating, 11.00mm (.433) Stacking Height
0877970602 MOLEX10-0877970602 Datasheet
260Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row Dual Body, Vertical, 6 Circuits, 0.76關m (30關) Gold (Au) Plating, 25.60mm (1.043) Stacking Height
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com