Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87831-3428 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87831-3428
Description  2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 34 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87831-3428 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87831-3428 Datasheet HTML 1Page - Molex Electronics Ltd. 87831-3428 Datasheet HTML 2Page - Molex Electronics Ltd. 87831-3428 Datasheet HTML 3Page - Molex Electronics Ltd. 87831-3428 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Product Specification
PS-87831-027
Sales Drawing
SD-87831-020
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87831-3428

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87831-3420 MOLEX10-87831-3420 Datasheet
230Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 34 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
87831-3421 MOLEX10-87831-3421 Datasheet
230Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 34 Circuits, 0.76關m (30關) Gold (Au) Plating, Center Polarization Slot
87831-3429 MOLEX10-87831-3429 Datasheet
201Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 34 Circuits, 0.76關m (30關) Gold (Au) Plating, Center Polarization Slot
More results

Similar Description - 87831-3428

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878313420 MOLEX10-0878313420 Datasheet
230Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 34 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878312828 MOLEX10-0878312828 Datasheet
201Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 28 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878313828 MOLEX10-0878313828 Datasheet
201Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 38 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878313220 MOLEX10-0878313220 Datasheet
230Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 32 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878313628 MOLEX10-0878313628 Datasheet
201Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 36 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878310820 MOLEX10-0878310820 Datasheet
229Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 8 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878314228 MOLEX10-0878314228 Datasheet
201Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 42 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878311020 MOLEX10-0878311020 Datasheet
234Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 10 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878314620 MOLEX10-0878314620 Datasheet
230Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 46 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
0878314420 MOLEX10-0878314420 Datasheet
230Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, Lead-free, 44 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com