Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87833-0420 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87833-0420
Description  2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 4 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, without Locking Window
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87833-0420 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87833-0420 Datasheet HTML 1Page - Molex Electronics Ltd. 87833-0420 Datasheet HTML 2Page - Molex Electronics Ltd. 87833-0420 Datasheet HTML 3Page - Molex Electronics Ltd. 87833-0420 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0878330420
Status:
Active
Overview:
milligrid
Description:
2.00mm (.079") Pitch Milli-Grid™ Header, Right Angle, Shrouded, Lead-free, 4 Circuits,
0.38µm (15µ") Gold (Au) Plating, without PCB Locator, without Locking Window,
without Center Polarization Slot, Tube
Documents:
3D Model
Product Specification PS-87831-027 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
87833
Application
Wire-to-Board
Comments
Contact Molex for application in automotive industry
MolexKits
Yes
Overview
milligrid
Product Name
Milli-Grid™
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.085 In
PC Tail Length (mm)
2.16 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
75
Plating min: Termination (µm)
1.88
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87833Series
Mates With
50394 Wire-to-Board Terminals. 51110
Wire-to-Board Crimp Housing. 87568 Wire-
to-Board IDT Housings. 79107 Board-to-
Board Top Entry Through Hole Receptacle.
79108 Board-to-Board FFC/FPC Top Entry
Through Hole Receptacle. L


Similar Part No. - 87833-0420

ManufacturerPart #DatasheetDescription
logo
MolexKits
87833-0420 MOLEXKITS-87833-0420 Datasheet
23Kb / 3P
   PCB Through Hole
More results

Similar Description - 87833-0420

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878335920 MOLEX10-0878335920 Datasheet
271Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 4 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, without Locking Window
0878330620 MOLEX10-0878330620 Datasheet
268Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 6 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, without Locking Window
0878330820 MOLEX10-0878330820 Datasheet
268Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 8 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, without Locking Window
0878330431 MOLEX10-0878330431 Datasheet
229Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 4 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, with Locking Window
0878330451 MOLEX10-0878330451 Datasheet
229Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 4 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, with Locking Window
0878330433 MOLEX10-0878330433 Datasheet
146Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 4 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, with Locking Window
0878330441 MOLEX10-0878330441 Datasheet
229Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 4 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, with Locking Window
0878330633 MOLEX10-0878330633 Datasheet
146Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 6 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, with Locking Window
0878331031 MOLEX10-0878331031 Datasheet
229Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 10 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, with Locking Window
0878330641 MOLEX10-0878330641 Datasheet
229Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 6 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, with Locking Window
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com