Electronic Components Datasheet Search |
|
87759-3450 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
87759-3450 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 05/25/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0877593451 Status: Active Overview: milligrid Description: 2.00mm (.079") Pitch Milli-Grid™ Header, Surface Mount, Vertical, 34 Circuits, 0.38µm (30µ") Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free Documents: 3D Model Product Specification PS-87761-100 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification UL E29179 General Product Family PCB Headers Series 87759 Application Board-to-Board Overview milligrid Product Name Milli-Grid™ Physical Breakaway Yes Circuits (Loaded) 34 Circuits (maximum) 34 Color - Resin Black Durability (mating cycles max) 100 First Mate / Last Break No Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part None Mated Height (in) 0.150 In Mated Height (mm) 3.80 mm Material - Metal Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 2 Orientation Vertical PCB Locator Yes PCB Retention None Packaging Type Tube Pitch - Mating Interface (in) 0.079 In Pitch - Mating Interface (mm) 2.00 mm Pitch - Term. Interface (in) 0.079 In Pitch - Term. Interface (mm) 2.00 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.76 Polarized to Mating Part No Polarized to PCB No Shrouded No Stackable Yes Temperature Range - Operating -55°C to +105°C Termination Interface: Style Surface Mount Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 87759Series Mates With 79107 Milli-Grid™ Receptacle, Vertical, Through Hole. 79108 Milli-Grid™ Flex-to- Board, Vertical Receptacle. Milli-Grid™ Receptacle, Surface Mount. 79109. 87381 |
Similar Part No. - 87759-3450 |
|
Similar Description - 87759-3450 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |