Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87918-0301 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87918-0301
Description  0.60mm (.024) Pitch miniDIMM DDR3 Socket, Surface Mount, Right Angle, 1.5V Key, 244 Circuits, Lead-free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87918-0301 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87918-0301 Datasheet HTML 1Page - Molex Electronics Ltd. 87918-0301 Datasheet HTML 2Page - Molex Electronics Ltd. 87918-0301 Datasheet HTML 3Page - Molex Electronics Ltd. 87918-0301 Datasheet HTML 4Page - Molex Electronics Ltd. 87918-0301 Datasheet HTML 5Page - Molex Electronics Ltd. 87918-0301 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
This document was generated on 04/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87918-0301

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87918-0001 MOLEX10-87918-0001 Datasheet
370Kb / 6P
   0.60mm (.024) Pitch miniDIMM DDR2 Socket, Surface Mount, Right Angle, 1.8V Key, 244 Circuits, Lead-free
87918-0201 MOLEX10-87918-0201 Datasheet
370Kb / 6P
   0.60mm (.024) Pitch miniDIMM DDR2 Socket, Surface Mount, Right Angle, 1.8V Key, 200 Circuits, Lead-free
87918-0202 MOLEX10-87918-0202 Datasheet
370Kb / 6P
   0.60mm (.024) Pitch miniDIMM DDR Socket, Surface Mount, Right Angle, 2.5V Key, 200 Circuits, Lead-free
More results

Similar Description - 87918-0301

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879180001 MOLEX10-0879180001 Datasheet
370Kb / 6P
   0.60mm (.024) Pitch miniDIMM DDR2 Socket, Surface Mount, Right Angle, 1.8V Key, 244 Circuits, Lead-free
0879180301 MOLEX11-0879180301 Datasheet
35Kb / 2P
   0.60mm Pitch miniDIMM DDR3 Socket, Surface Mount, Right Angle, 1.5V Key
0879180201 MOLEX10-0879180201 Datasheet
370Kb / 6P
   0.60mm (.024) Pitch miniDIMM DDR2 Socket, Surface Mount, Right Angle, 1.8V Key, 200 Circuits, Lead-free
0879180202 MOLEX10-0879180202 Datasheet
370Kb / 6P
   0.60mm (.024) Pitch miniDIMM DDR Socket, Surface Mount, Right Angle, 2.5V Key, 200 Circuits, Lead-free
0780011344 MOLEX9-0780011344 Datasheet
414Kb / 6P
   0.60mm (.024) Pitch miniDIMM DDR3 Socket, Surface Mount, Reverse Right Angle, with Off-White Latches, 1.5V Voltage Key, 244 Circuits, Type A Tray Packaging
0877823003 MOLEX11-0877823003 Datasheet
33Kb / 2P
   0.60mm Pitch miniDIMM DDR3, Socket, Surface Mount, Vertical, 1.5V Voltage Key
0877823003 MOLEX10-0877823003 Datasheet
560Kb / 8P
   0.60mm (.024) Pitch miniDIMM DDR3, Socket, Surface Mount, Vertical, 1.5V Voltage Key, 244 Circuits, 0.76關m (30關) Gold (Au) Plating, Off- White Latches
0780011344 MOLEX11-0780011344 Datasheet
34Kb / 2P
   0.60mm Pitch miniDIMM DDR3 Socket, Surface Mount, Reverse Right Angle
0780350301 MOLEX9-0780350301 Datasheet
491Kb / 7P
   0.60mm (.024) Pitch miniDIMM DDR3 Socket, Surface Mount, 22.5째 Reverse Angle, 0.76關m (30關) Gold (Au) Plating, Off-White Latches, 244 Circuits,1.5V Voltage Key
0780013344 MOLEX11-0780013344 Datasheet
34Kb / 2P
   0.60mm Pitch miniDIMM DDR3 Socket, Surface Mount, Reverse Right Angle
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com