Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

885234507 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 885234507
Description  SC/APC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 8.0m (26.25&039)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

885234507 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  885234507 Datasheet HTML 1Page - Molex Electronics Ltd. 885234507 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0885234507
Status:
Active
Overview:
fiber_optic_product_families
Description:
SC/APC-to-SC/APC, Singlemode, 9/125µm/G652, Simplex, 3.00mm (.118"), Standard
Fiber Optic Cable Assembly, 8.0m (26.25' )
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Assemblies
Series
88523
Connector to Connector
SC/APC-to-SC/APC
Mode
Singlemode
Overview
fiber_optic_product_families
Product Name
SC
Physical
Cable Length
8.0m (26.25' )
Cable Size
3.00mm (.118")
Fiber (Core/Cladding)
9/125µm/G652
Single Ended
No
Wire/Cable Type
Simplex
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-88523-058
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
88523Series
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 885234507

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
885234500 MOLEX10-885234500 Datasheet
99Kb / 2P
   SC/APC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
885234501 MOLEX10-885234501 Datasheet
99Kb / 2P
   SC/APC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
885234502 MOLEX10-885234502 Datasheet
99Kb / 2P
   SC/APC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
885234503 MOLEX10-885234503 Datasheet
99Kb / 2P
   SC/APC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 6.0m (19.68&039)
885234504 MOLEX10-885234504 Datasheet
99Kb / 2P
   SC/APC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
More results

Similar Description - 885234507

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885234503 MOLEX10-0885234503 Datasheet
99Kb / 2P
   SC/APC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 6.0m (19.68&039)
0885234598 MOLEX10-0885234598 Datasheet
99Kb / 2P
   SC/APC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 1.5m (4.92&039)
0885234506 MOLEX10-0885234506 Datasheet
99Kb / 2P
   SC/APC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 7.0m (22.97&039)
0885234511 MOLEX10-0885234511 Datasheet
99Kb / 2P
   SC/APC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 12.0m (39.37&039)
0885234514 MOLEX10-0885234514 Datasheet
99Kb / 2P
   SC/APC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 15.0m (49.21&039)
0885234500 MOLEX10-0885234500 Datasheet
99Kb / 2P
   SC/APC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885234504 MOLEX10-0885234504 Datasheet
99Kb / 2P
   SC/APC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885234502 MOLEX10-0885234502 Datasheet
99Kb / 2P
   SC/APC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885230207 MOLEX10-0885230207 Datasheet
91Kb / 2P
   SC/UPC-to-SC/UPC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 8.0m (26.25&039)
0885234501 MOLEX10-0885234501 Datasheet
99Kb / 2P
   SC/APC-to-SC/APC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com