Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0878341619 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0878341619
Description  2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 16 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0878341619 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0878341619 Datasheet HTML 1Page - Molex Electronics Ltd. 0878341619 Datasheet HTML 2Page - Molex Electronics Ltd. 0878341619 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0878341619
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch C-Grid® Header, Dual Row, Low Profile, Vertical, Shrouded,
16 Circuits, 0.13µm (5µ") Gold (Au) Plating, Black, without PCB Locator, without End
Window, Center Polarization Slot, Lead-free
Documents:
3D Model
Product Specification PS-70246-100 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Headers
Series
87834
Application
Wire-to-Board
Overview
cgrid__sl_products
Product Name
C-Grid®
Physical
Breakaway
No
Circuits (Loaded)
16
Circuits (maximum)
16
Color - Resin
Black
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.135 In
PC Tail Length (mm)
3.43 mm
PCB Locator
No
PCB Retention
None
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
5.2
Plating min: Mating (µm)
0.13
Plating min: Termination (µin)
75.2
Plating min: Termination (µm)
1.88
Polarized to Mating Part
Center Slot
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-55°C to +120°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87834Series
Mates With
.050" pitch ribbon cable connectors


Similar Part No. - 0878341619

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878341611 MOLEX10-0878341611 Datasheet
138Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, Lead-free, 16 Circuits, Gold (Au) Flash, Beige, PCB Locators, without End Window
More results

Similar Description - 0878341619

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878341419 MOLEX10-0878341419 Datasheet
126Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 14 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
0878341019 MOLEX10-0878341019 Datasheet
126Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 10 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
0878345019 MOLEX10-0878345019 Datasheet
126Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 50 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
0878342419 MOLEX10-0878342419 Datasheet
126Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 24 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
0878342019 MOLEX10-0878342019 Datasheet
126Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 20 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
0878344419 MOLEX10-0878344419 Datasheet
126Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 44 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
0878342619 MOLEX10-0878342619 Datasheet
126Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 26 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
0878343419 MOLEX10-0878343419 Datasheet
126Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 34 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
0878341219 MOLEX10-0878341219 Datasheet
126Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 12 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
0878344019 MOLEX10-0878344019 Datasheet
126Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 40 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com