Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90151-3208 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 90151-3208
Description  2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 8 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90151-3208 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  90151-3208 Datasheet HTML 1Page - Molex Electronics Ltd. 90151-3208 Datasheet HTML 2Page - Molex Electronics Ltd. 90151-3208 Datasheet HTML 3Page - Molex Electronics Ltd. 90151-3208 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Voltage - Maximum
350V AC/DC
Material Info
Reference - Drawing Numbers
Sales Drawing
SDA-90151
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 90151-3208

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90151-3520 MOLEX10-90151-3520 Datasheet
217Kb / 3P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 20 Circuits
More results

Similar Description - 90151-3208

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901512308 MOLEX10-0901512308 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 8 Circuits
0901512114 MOLEX10-0901512114 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 14 Circuits
0901512332 MOLEX10-0901512332 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 32 Circuits
0901512350 MOLEX10-0901512350 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 50 Circuits
0901512216 MOLEX10-0901512216 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 16 Circuits
0901512160 MOLEX10-0901512160 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 60 Circuits
0901512144 MOLEX10-0901512144 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 44 Circuits
0901512110 MOLEX10-0901512110 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 10 Circuits
0901512360 MOLEX10-0901512360 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 60 Circuits
0901512130 MOLEX10-0901512130 Datasheet
217Kb / 4P
   2.54mm (.100) Pitch C-Grid III??PC Board Connector, Dual Row, Vertical, 30 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com