Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1415 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SA1415
Description  High-Voltage Switching, Predriver Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1415 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SA1415 Datasheet HTML 1Page - Sanyo Semicon Device 2SA1415 Datasheet HTML 2Page - Sanyo Semicon Device 2SA1415 Datasheet HTML 3Page - Sanyo Semicon Device 2SA1415 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 2SA1415

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1415 KEXIN-2SA1415 Datasheet
412Kb / 3P
   High-Voltage Switching Applications
logo
ON Semiconductor
2SA1415 ONSEMI-2SA1415 Datasheet
96Kb / 5P
   High-Voltage Switching Predriver Applications
Jan-2011, Rev. 0
logo
Guangdong Kexin Industr...
2SA1415-HF KEXIN-2SA1415-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SA1415-R KEXIN-2SA1415-R Datasheet
1Mb / 3P
   PNP Transistors
2SA1415-R-HF KEXIN-2SA1415-R-HF Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - 2SA1415

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA1415 ONSEMI-2SA1415 Datasheet
96Kb / 5P
   High-Voltage Switching Predriver Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
2SA1418 SANYO-2SA1418 Datasheet
113Kb / 4P
   High-Voltage Switching, Predriver Applications
logo
Unisonic Technologies
2SC4027 UTC-2SC4027_15 Datasheet
152Kb / 5P
   HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
2SC3648 UTC-2SC3648_15 Datasheet
243Kb / 5P
   HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
2SC3648 UTC-2SC3648 Datasheet
171Kb / 4P
   HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
2SC3648 UTC-2SC3648_10 Datasheet
233Kb / 5P
   HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
logo
Sanyo Semicon Device
2SA1210 SANYO-2SA1210 Datasheet
274Kb / 7P
   HIGH VOLTAGE SWITCHING, AF 150W PREDRIVER APPLICATIONS
2SA1207 SANYO-2SA1207 Datasheet
108Kb / 4P
   High-Voltage Switching, AF 60W Predriver Applications
2SA1208 SANYO-2SA1208 Datasheet
107Kb / 4P
   High-Voltage Switching, Audio 80W Output Predriver Applications
2SA1209 SANYO-2SA1209 Datasheet
104Kb / 4P
   160V/140mA High-Voltage Switching AF 100W Predriver Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com