Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90130-1132 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 90130-1132
Description  2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 32 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90130-1132 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  90130-1132 Datasheet HTML 1Page - Molex Electronics Ltd. 90130-1132 Datasheet HTML 2Page - Molex Electronics Ltd. 90130-1132 Datasheet HTML 3Page - Molex Electronics Ltd. 90130-1132 Datasheet HTML 4Page - Molex Electronics Ltd. 90130-1132 Datasheet HTML 5Page - Molex Electronics Ltd. 90130-1132 Datasheet HTML 6Page - Molex Electronics Ltd. 90130-1132 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
350V AC/DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-90130-001, PK-91814-005
Sales Drawing
SDA-90130
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 90130-1132

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90130-1130 MOLEX10-90130-1130 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 30 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
90130-1134 MOLEX10-90130-1134 Datasheet
597Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 34 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
90130-1136 MOLEX10-90130-1136 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 36 Circuits, Black, 3關m (118關) Tin(Sn) over Nickel (Ni), Lead free
90130-1138 MOLEX10-90130-1138 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 38 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
More results

Similar Description - 90130-1132

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901301150 MOLEX10-0901301150 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 50 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
0901301118 MOLEX10-0901301118 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded 18 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
0901301144 MOLEX10-0901301144 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 44 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
0901301114 MOLEX10-0901301114 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 14 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
0901301138 MOLEX10-0901301138 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 38 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
0901301130 MOLEX10-0901301130 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 30 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
0901301140 MOLEX10-0901301140 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 40 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
0901301106 MOLEX10-0901301106 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded 6 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
0901301126 MOLEX10-0901301126 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 26 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
0901301120 MOLEX10-0901301120 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 20 Circuits, Black, 3關m (118關) Tin (Sn) over Nickel (Ni)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com