Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0887632610 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0887632610
Description  0.80mm (.031) and 2.00mm (.079) Pitch IEEE 1394 4-Pin-to-6-Pin Cable Assembly, 2.0m (6.56) Length
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0887632610 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0887632610 Datasheet HTML 1Page - Molex Electronics Ltd. 0887632610 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0887632610
Status:
Active
Overview:
ieee_1394
Description:
0.80mm (.031") and 2.00mm (.079") Pitch IEEE 1394 4-Pin-to-6-Pin Cable Assembly,
2.0m (6.56' ) Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
59233
Connector to Connector
IEEE 1394-1995-to-IEEE P1394a
Overview
ieee_1394
Product Name
IEEE 1394
Physical
Cable Length
2.0m (6.56' )
Circuits (Loaded)
6
Color - Resin
Natural
Gender
Male-Male
Lock to Mating Part
Yes
Material - Resin
Low Density Polyethylene
Packaging Type
Bag
Pitch - Mating Interface (in)
0.031 In, 0.079 In
Pitch - Mating Interface (mm)
0.80 mm, 2.00 mm
Single Ended
No
Wire Insulation Diameter
N/A
Wire Size AWG
32
Wire/Cable Type
Round
Electrical
Current - Maximum per Contact
1.5A
Shielded
Yes
Voltage - Maximum
40V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-88763-005
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
59233Series
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0887632610

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887632600 MOLEX10-0887632600 Datasheet
107Kb / 2P
   0.80mm (.031) and 2.00mm (.079) Pitch IEEE 1394 4-Pin-to-6-Pin Cable Assembly, 1.0m (3.28) Length
0887632620 MOLEX10-0887632620 Datasheet
99Kb / 2P
   0.80mm (.031) and 2.00mm (.079) Pitch IEEE 1394 4-Pin-to-6-Pin Cable Assembly, 4.50m (14.76) Length
More results

Similar Description - 0887632610

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887632710 MOLEX10-0887632710 Datasheet
99Kb / 2P
   0.80mm (.031) Pitch IEEE 1394 4-Pin-to-4-Pin Cable Assembly, 2.0m (6.56) Length
0887632620 MOLEX10-0887632620 Datasheet
99Kb / 2P
   0.80mm (.031) and 2.00mm (.079) Pitch IEEE 1394 4-Pin-to-6-Pin Cable Assembly, 4.50m (14.76) Length
0887632600 MOLEX10-0887632600 Datasheet
107Kb / 2P
   0.80mm (.031) and 2.00mm (.079) Pitch IEEE 1394 4-Pin-to-6-Pin Cable Assembly, 1.0m (3.28) Length
0887632720 MOLEX10-0887632720 Datasheet
269Kb / 5P
   0.80mm (.031) Pitch IEEE 1394 4-Pin-to-4-Pin Cable Assembly, 4.50m (14.76) Length
0887632700 MOLEX10-0887632700 Datasheet
99Kb / 2P
   0.80mm (.031) Pitch IEEE 1394 4-Pin-to-4-Pin Cable Assembly, 1.0m (3.28) Length
0887632500 MOLEX10-0887632500 Datasheet
123Kb / 3P
   2.00mm (.079) Pitch IEEE 1394 6-Pin-to-6-Pin Cable Assembly, 1.0m (3.28 ) Length, Length
0887632520 MOLEX10-0887632520 Datasheet
107Kb / 2P
   2.00mm (.079) Pitch IEEE 1394 6-Pin-to-6-Pin Cable Assembly, 4.50m (14.76) Length
0687690025 MOLEX8-0687690025 Datasheet
150Kb / 3P
   IEEE 1394B Bilingual 9-pin-to-6-pin Cable Assembly, 2.0m (6.56 ) Length
0687690022 MOLEX8-0687690022 Datasheet
152Kb / 3P
   IEEE 1394B Bilingual 9-pin-to-4-pin Cable Assembly, 2.0m (6.56 ) Length
0687690028 MOLEX8-0687690028 Datasheet
144Kb / 3P
   IEEE 1394B Beta 9-pin-to-9-pin Cable Assembly, 2.0m (6.56 ) Length
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com