Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

88753-8600 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 88753-8600
Description  USB On-The-Go (OTG) Shielded I/O Cable Assembly, Mini A-to-Mini B, USB 2.0, 2.0m (6.56) Length, White
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

88753-8600 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  88753-8600 Datasheet HTML 1Page - Molex Electronics Ltd. 88753-8600 Datasheet HTML 2Page - Molex Electronics Ltd. 88753-8600 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0887538600
Status:
Active
Overview:
usb
Description:
USB On-The-Go (OTG) Shielded I/O Cable Assembly, Mini A-to-Mini B, USB 2.0, 2.0m
(6.56' ) Length, White
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
88740
Connector to Connector
USB Mini-A-to-Mini-B
Overview
usb
Product Name
USB
Physical
Cable Length
2.0m (6.56' )
Circuits (Loaded)
5
Color - Resin
Black
Gender
Male-Male
Lock to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Packaging Type
Bag
Pitch - Mating Interface (in)
0.031 In
Pitch - Mating Interface (mm)
0.80 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
160
Plating min: Termination (µm)
4
Single Ended
No
Termination Interface: Style
Through Hole
Wire Insulation Diameter
N/A
Wire Size AWG
28
Wire/Cable Type
Round
Electrical
Current - Maximum per Contact
1A
Shielded
Yes
Voltage - Maximum
30V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-887538200
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
88740Series
Mates With
USB On-The-Go (OTG) Mini-B Receptacle
54819 , 51387 , 48242Link:500075. 56579
USB On-The-Go (OTG) Mini-AB Receptacle
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 88753-8600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
88753-8102 MOLEX10-88753-8102 Datasheet
188Kb / 3P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, Mini A-to-Mini B, USB 2.0, 0.80m (2.62) Length, Black
88753-8202 MOLEX10-88753-8202 Datasheet
188Kb / 3P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, Mini A-to-Mini B, USB 2.0, 1.0m (3.28) Length, Black
88753-8302 MOLEX10-88753-8302 Datasheet
188Kb / 3P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, Mini A-to-Mini B, USB 2.0, 1.2m Length, Black
88753-8402 MOLEX10-88753-8402 Datasheet
188Kb / 3P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, Mini A-to-Mini B, USB 2.0, 1.50m (4.92) Length, Black
88753-8502 MOLEX10-88753-8502 Datasheet
188Kb / 3P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, Mini A-to-Mini B, USB 2.0, 1.80m (5.91) Length, Black
More results

Similar Description - 88753-8600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887538600 MOLEX1-0887538600_18 Datasheet
30Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, Mini A-to-Mini B, USB 2.0, 2.0m Length, White
0887538602 MOLEX10-0887538602 Datasheet
141Kb / 3P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, Mini A-to-Mini B, USB 2.0, 2.0m (6.56) Length, Black
0887328902 MOLEX10-0887328902 Datasheet
188Kb / 3P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 2.0m (6.56) Length Black
0887328900 MOLEX1-0887328900 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 2.0m
0887328912 MOLEX10-0887328912 Datasheet
156Kb / 3P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 2.0m (6.56) Length Black
0887328600 MOLEX1-0887328600 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m
0887328912 MOLEX1-0887328912_18 Datasheet
32Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 2.0m
0887328510 MOLEX1-0887328510 Datasheet
32Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1,0.80m Length, White
0887328800 MOLEX1-0887328800 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.80m Length, White
0887328500 MOLEX1-0887328500 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,0.80m Length, White
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com