Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0887329202 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0887329202
Description  Universal Serial Bus (USB) Shielded I/O Cable Assembly, Type A-to-B, USB 1.1, 2.09m (6.86) Length, Black
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0887329202 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0887329202 Datasheet HTML 1Page - Molex Electronics Ltd. 0887329202 Datasheet HTML 2Page - Molex Electronics Ltd. 0887329202 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0887329202
Status:
Active
Overview:
usb
Description:
Universal Serial Bus (USB) Shielded I/O Cable Assembly, Type A-to-B, USB 1.1,
2.09m (6.86' ) Length, Black
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
88740
Connector to Connector
USB Type A-to-B
Overview
usb
Product Name
USB
Physical
Cable Length
2.09m (6.86' )
Circuits (Loaded)
4
Gender
Male-Male
Lock to Mating Part
Yes
Packaging Type
Bag
Single Ended
No
Wire Insulation Diameter
N/A
Wire Size AWG
28
Wire/Cable Type
Round
Electrical
Current - Maximum per Contact
1A
Shielded
Yes
Voltage - Maximum
30V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-88732-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
88740Series
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0887329202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887329202 MOLEX1-0887329202 Datasheet
27Kb / 1P
   Universal Serial Bus (USB) Shielded I/O Cable Assembly, Type A-to-B, USB 1.1,2.09m Length, Black
0887329202 MOLEX1-0887329202_18 Datasheet
27Kb / 1P
   Universal Serial Bus (USB) Shielded I/O Cable Assembly, Type A-to-B, USB 1.1,2.09m Length, Black
More results

Similar Description - 0887329202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887329302 MOLEX10-0887329302 Datasheet
150Kb / 3P
   Universal Serial Bus (USB) Shielded I/O Cable Assembly, Type A-to-B, USB 1.1, 3.34m (11.0) Length, Black
0887329402 MOLEX10-0887329402 Datasheet
141Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Cable Assembly, Type A-to-B, USB 1.1, 5.0m (16.40) Length, Black
0887328002 MOLEX10-0887328002 Datasheet
150Kb / 3P
   Universal Serial Bus (USB) Shielded I/O Cable Assembly, Type A-to-B, USB 1.1, 1.0m (3.28) Length, Black
0887329102 MOLEX10-0887329102 Datasheet
150Kb / 3P
   Universal Serial Bus (USB) Shielded I/O Cable Assembly, Type A-to-B, USB 1.1, 1.32m (4.33) Length, Black
0887328102 MOLEX10-0887328102 Datasheet
181Kb / 3P
   Universal Serial Bus (USB) Shielded I/O Cable Assembly, Type A-to-B, USB 1.1, 1.80m (5.91) Length, Black
0887329002 MOLEX10-0887329002 Datasheet
150Kb / 3P
   Universal Serial Bus (USB) Shielded I/O Cable Assembly, Type A-to-B, USB 1.1, 0.82m (2.69) Length, Black
0887329200 MOLEX1-0887329200 Datasheet
27Kb / 1P
   Universal Serial Bus (USB) Shielded I/O Cable Assembly: A-to-B Full-Rated, 2.09m Length
0887328000 MOLEX1-0887328000_18 Datasheet
27Kb / 1P
   Universal Serial Bus (USB) Shielded I/O Cable Assembly, Type A-to-B, USB 1.1, 1.0m Length, White
0887283602 MOLEX10-0887283602 Datasheet
148Kb / 3P
   Universal Serial Bus (USB) Shielded I/O Cable Assembly, Type A-to-Pigtail, USB 1.1,
0887328100 MOLEX10-0887328100 Datasheet
150Kb / 3P
   Universal Serial Bus (USB) Shielded I/O Cable Assembly, Type A-to-B, USB 1.1, 1.80m (5.91) Length, White
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com