Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0878980425 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0878980425
Description  2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 4 Circuits, 0.75關m (30關) Gold (Au) Plating, Tube Packaging, without Cap, Lead-free
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0878980425 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0878980425 Datasheet HTML 1Page - Molex Electronics Ltd. 0878980425 Datasheet HTML 2Page - Molex Electronics Ltd. 0878980425 Datasheet HTML 3Page - Molex Electronics Ltd. 0878980425 Datasheet HTML 4Page - Molex Electronics Ltd. 0878980425 Datasheet HTML 5Page - Molex Electronics Ltd. 0878980425 Datasheet HTML 6Page - Molex Electronics Ltd. 0878980425 Datasheet HTML 7Page - Molex Electronics Ltd. 0878980425 Datasheet HTML 8Page - Molex Electronics Ltd. 0878980425 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image


Similar Part No. - 0878980425

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878980424 MOLEX10-0878980424 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 4 Circuits, 0.38關m (15關) Gold (Au) Plating, Tube Packaging, without Cap, Lead-free
0878980426 MOLEX10-0878980426 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 4 Circuits, Tin (Sn) Overall Plating, Tube Packaging, without Cap, Lead- free
More results

Similar Description - 0878980425

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878980305 MOLEX10-0878980305 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 3 Circuits, 0.75關m (30關) Gold (Au) Plating, Tray Packaging, without Cap, Lead-free
0878980424 MOLEX10-0878980424 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 4 Circuits, 0.38關m (15關) Gold (Au) Plating, Tube Packaging, without Cap, Lead-free
0878980824 MOLEX10-0878980824 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 8 Circuits, 0.38關m (15關) Gold (Au) Plating, Tube Packaging, without Cap, Lead-free
0878980624 MOLEX10-0878980624 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 6 Circuits, 0.38關m (15關) Gold (Au) Plating, Tube Packaging, without Cap, Lead-free
0878980524 MOLEX10-0878980524 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 5 Circuits, 0.38關m (15關) Gold (Au) Plating, Tube Packaging, without Cap, Lead-free
0878980364 MOLEX10-0878980364 Datasheet
1Mb / 19P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 3 Circuits, 0.38關m (15關) Gold (Au) Plating, Tray Packaging, without Cap, Lead-free
0878980765 MOLEX10-0878980765 Datasheet
1Mb / 19P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 7 Circuits, 0.76m (30) Gold (Au) Plating, Tube Packaging, without Cap, Lead-free
0878981265 MOLEX10-0878981265 Datasheet
1Mb / 19P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 12 Circuits, 0.76m (30) Gold (Au) Plating, Tube Packaging, without Cap, Lead-free
0878981066 MOLEX10-0878981066 Datasheet
1Mb / 19P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 10 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tube Packaging, without Cap, Lead-free
0878980866 MOLEX10-0878980866 Datasheet
1Mb / 19P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 8 Circuits, 2.50關m (98關) Tin (Sn) Plating, Tube Packaging, without Cap, Lead-free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com