Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0885278802 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0885278802
Description  ST/UPC-to-ST/UPC, Singlemode, 9/125關m/G655, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0885278802 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0885278802 Datasheet HTML 1Page - Molex Electronics Ltd. 0885278802 Datasheet HTML 2Page - Molex Electronics Ltd. 0885278802 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - 0885278802

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885278800 MOLEX10-0885278800 Datasheet
79Kb / 2P
   ST/UPC-to-ST/UPC, Singlemode, 9/125關m/G655, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885278801 MOLEX10-0885278801 Datasheet
79Kb / 2P
   ST/UPC-to-ST/UPC, Singlemode, 9/125關m/G655, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885278803 MOLEX10-0885278803 Datasheet
79Kb / 2P
   ST/UPC-to-ST/UPC, Singlemode, 9/125關m/G655, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885278804 MOLEX10-0885278804 Datasheet
90Kb / 2P
   ST/UPC-to-ST/UPC, Singlemode, 9/125關m/G655, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
More results

Similar Description - 0885278802

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885274402 MOLEX10-0885274402 Datasheet
80Kb / 2P
   SC/UPC-to-ST/UPC, Singlemode, 9/125關m/G655, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885233502 MOLEX10-0885233502 Datasheet
80Kb / 2P
   FC/UPC-to-ST/UPC, Singlemode, 9/125關m/G655, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885230402 MOLEX10-0885230402 Datasheet
85Kb / 2P
   ST/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885231402 MOLEX10-0885231402 Datasheet
77Kb / 2P
   FC/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885278801 MOLEX10-0885278801 Datasheet
79Kb / 2P
   ST/UPC-to-ST/UPC, Singlemode, 9/125關m/G655, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
88527-8802 MOLEX11-88527-8802 Datasheet
31Kb / 1P
   ST/UPC-to-ST/UPC, Singlemode, 9/125m/G655, Simplex, 3.00mm, Standard Fiber Optic Cable Assembly, 3.0m
0885230302 MOLEX10-0885230302 Datasheet
86Kb / 2P
   SC/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885278800 MOLEX10-0885278800 Datasheet
79Kb / 2P
   ST/UPC-to-ST/UPC, Singlemode, 9/125關m/G655, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885278803 MOLEX10-0885278803 Datasheet
79Kb / 2P
   ST/UPC-to-ST/UPC, Singlemode, 9/125關m/G655, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885278804 MOLEX10-0885278804 Datasheet
90Kb / 2P
   ST/UPC-to-ST/UPC, Singlemode, 9/125關m/G655, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com