Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0878981426 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0878981426
Description  2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 14 Circuits, Tin (Sn) Overall Plating, Tube Packaging, without Cap, Lead- free
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0878981426 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0878981426 Datasheet HTML 1Page - Molex Electronics Ltd. 0878981426 Datasheet HTML 2Page - Molex Electronics Ltd. 0878981426 Datasheet HTML 3Page - Molex Electronics Ltd. 0878981426 Datasheet HTML 4Page - Molex Electronics Ltd. 0878981426 Datasheet HTML 5Page - Molex Electronics Ltd. 0878981426 Datasheet HTML 6Page - Molex Electronics Ltd. 0878981426 Datasheet HTML 7Page - Molex Electronics Ltd. 0878981426 Datasheet HTML 8Page - Molex Electronics Ltd. 0878981426 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-89990-545
Sales Drawing
SD-87898-001
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0878981426

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878981056 MOLEX10-0878981056 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 10 Circuits, 2.50關m (98關) Tin (Sn) Plating, Tape on Reel Packaging, with Cap, Lead-free
0878981066 MOLEX10-0878981066 Datasheet
1Mb / 19P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 10 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tube Packaging, without Cap, Lead-free
0878981265 MOLEX10-0878981265 Datasheet
1Mb / 19P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 12 Circuits, 0.76m (30) Gold (Au) Plating, Tube Packaging, without Cap, Lead-free
0878981366 MOLEX10-0878981366 Datasheet
1Mb / 19P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 13 Circuits, 2.50關m (98關) Tin (Sn) Overall Plating, Tube Packaging, without Cap, Lead-free
0878981626 MOLEX10-0878981626 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 16 Circuits, Tin (Sn) Overall Plating, Tube Packaging, without Cap, Lead- free
More results

Similar Description - 0878981426

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878981626 MOLEX10-0878981626 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 16 Circuits, Tin (Sn) Overall Plating, Tube Packaging, without Cap, Lead- free
0878980626 MOLEX10-0878980626 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 6 Circuits, Tin (Sn) Overall Plating, Tube Packaging, without Cap, Lead- free
0878980526 MOLEX10-0878980526 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 5 Circuits, Tin (Sn) Overall Plating, Tube Packaging, without Cap, Lead- free
0878980726 MOLEX10-0878980726 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 7 Circuits, Tin (Sn) Overall Plating, Tube Packaging, without Cap, Lead- free
0878982426 MOLEX10-0878982426 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 24 Circuits, Tin (Sn) Overall Plating, Tube Packaging, without Cap, Lead- free
0878980826 MOLEX10-0878980826 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 8 Circuits, Tin (Sn) Overall Plating, Tube Packaging, without Cap, Lead- free
0878981826 MOLEX10-0878981826 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 18 Circuits, Tin (Sn) Overall Plating, Tube Packaging, without Cap, Lead- free
0878982026 MOLEX10-0878982026 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 20 Circuits, Tin (Sn) Overall Plating, Tube Packaging, without Cap, Lead- free
0878980426 MOLEX10-0878980426 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 4 Circuits, Tin (Sn) Overall Plating, Tube Packaging, without Cap, Lead- free
0878982626 MOLEX10-0878982626 Datasheet
1Mb / 22P
   2.54mm (.100) Pitch KK짰 Header, Surface Mount, Breakaway, Vertical, 26 Circuits, Tin (Sn) Overall Plating, Tube Packaging, without Cap, Lead- free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com