Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87891-0606 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87891-0606
Description  2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 6 Circuits, 2.50關m (100關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87891-0606 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87891-0606 Datasheet HTML 1Page - Molex Electronics Ltd. 87891-0606 Datasheet HTML 2Page - Molex Electronics Ltd. 87891-0606 Datasheet HTML 3Page - Molex Electronics Ltd. 87891-0606 Datasheet HTML 4Page - Molex Electronics Ltd. 87891-0606 Datasheet HTML 5Page - Molex Electronics Ltd. 87891-0606 Datasheet HTML 6Page - Molex Electronics Ltd. 87891-0606 Datasheet HTML 7Page - Molex Electronics Ltd. 87891-0606 Datasheet HTML 8Page - Molex Electronics Ltd. 87891-0606 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
12
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-89990-489
Product Specification
PS-87920-019
Sales Drawing
SD-87891-013
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87891-0606

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87891-0601 MOLEX10-87891-0601 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 6 Circuits, 0.025關m (1關) Gold (Au) Plating, Tray Packaging, Lead-free
More results

Similar Description - 87891-0606

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878910306 MOLEX10-0878910306 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 3 Circuits, 2.50關m (100關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0878914006 MOLEX10-0878914006 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 40 Circuits, 2.50關m (100關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0878910408 MOLEX10-0878910408 Datasheet
299Kb / 5P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Vertical, 4 Circuit, 2.50關m (100關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0878910106 MOLEX10-0878910106 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Vertical, 1 Circuit, 2.50 關m (100關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0878910206 MOLEX10-0878910206 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 2 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray Packaging, Lead-free
0879140616 MOLEX10-0879140616 Datasheet
3Mb / 48P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, 6 Circuits, 2.50關m (98.4關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0879143416 MOLEX10-0879143416 Datasheet
3Mb / 48P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, 34 Circuits, 2.50關m (98.4關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0879142616 MOLEX10-0879142616 Datasheet
3Mb / 48P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, 26 Circuits, 2.50關m (98.4關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0879140816 MOLEX10-0879140816 Datasheet
3Mb / 48P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, 8 Circuits, 2.50關m (98.4關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0879144416 MOLEX10-0879144416 Datasheet
3Mb / 48P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, 44 Circuits, 2.50關m (98.4關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com