Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90571-2142 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 90571-2142
Description  2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 14 Circuits, 0.76 關m Gold (Au)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90571-2142 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  90571-2142 Datasheet HTML 1Page - Molex Electronics Ltd. 90571-2142 Datasheet HTML 2Page - Molex Electronics Ltd. 90571-2142 Datasheet HTML 3Page - Molex Electronics Ltd. 90571-2142 Datasheet HTML 4Page - Molex Electronics Ltd. 90571-2142 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Sales Drawing
SDA-90571
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 90571-2142

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90571-2141 MOLEX10-90571-2141 Datasheet
369Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 14 Circuits, 0.1 關m Gold (Au)
90571-2143 MOLEX10-90571-2143 Datasheet
361Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 14 Circuits, 0.25 關m Gold (Au)
90571-2149 MOLEX10-90571-2149 Datasheet
361Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 14 Circuits, Tin
More results

Similar Description - 90571-2142

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0905712502 MOLEX10-0905712502 Datasheet
361Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 50 Circuits, 0.76 關m Gold (Au)
0905712262 MOLEX10-0905712262 Datasheet
361Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 26 Circuits, 0.76 關m Gold (Au)
0905712202 MOLEX10-0905712202 Datasheet
361Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 20 Circuits, 0.76 關m Gold (Au)
0905712602 MOLEX10-0905712602 Datasheet
361Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 60 Circuits, 0.76 關m Gold (Au)
0905712102 MOLEX10-0905712102 Datasheet
361Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 10 Circuits, 0.76 關m Gold (Au)
0905712342 MOLEX10-0905712342 Datasheet
361Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 34 Circuits, 0.76 關m Gold (Au)
0905712642 MOLEX10-0905712642 Datasheet
361Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 64 Circuits, 0.76 關m Gold (Au)
0905712402 MOLEX10-0905712402 Datasheet
361Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 40 Circuits, 0.76 關m Gold (Au)
0905712302 MOLEX10-0905712302 Datasheet
361Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 30 Circuits, 0.76 關m Gold (Au)
0905712141 MOLEX10-0905712141 Datasheet
369Kb / 5P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, 14 Circuits, 0.1 關m Gold (Au)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com