Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0901600114 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0901600114
Description  2.54mm (.100) Pitch C-Grid III??Crimp Housing - Dual Row, 14 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0901600114 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0901600114 Datasheet HTML 1Page - Molex Electronics Ltd. 0901600114 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901600114
Status:
Active
Overview:
cgrid_iii
Description:
2.54mm (.100") Pitch C-Grid III™ Crimp Housing - Dual Row, 14 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Crimp Housings
Series
90160
Overview
cgrid_iii
Product Name
C-Grid III™
Physical
Breakaway
No
Circuits (maximum)
14
Color - Resin
Black
Gender
Female
Glow-Wire Compliant
No
Material - Resin
PPO
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Temperature Range - Operating
-55°C to +105°C
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-90160
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90160Series
Mates With
90663 , 90635
Use With
90119
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0901600114

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901600114 MOLEX1-0901600114_17 Datasheet
28Kb / 1P
   2.54mm Pitch C-Grid III Crimp Housing Dual Row, 14 Circuits
More results

Similar Description - 0901600114

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901420014 MOLEX10-0901420014 Datasheet
154Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Dual Row, 14 Circuits
90142-0014 MOLEX11-90142-0014 Datasheet
35Kb / 1P
   2.54mm Pitch C-Grid III??Crimp Housing Dual Row, 14 Circuits
90160-0114 MOLEX11-90160-0114 Datasheet
34Kb / 1P
   2.54mm Pitch C-Grid III??Crimp Housing Dual Row, 14 Circuits
0901430014 MOLEX10-0901430014 Datasheet
262Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Modular Crimp Housing, Dual Row, 14 Circuits
0901420014 MOLEX1-0901420014_17 Datasheet
29Kb / 2P
   2.54mm Pitch C-Grid III Crimp Housing Dual Row, 14 Circuits
0901600114 MOLEX1-0901600114_17 Datasheet
28Kb / 1P
   2.54mm Pitch C-Grid III Crimp Housing Dual Row, 14 Circuits
0901430014 MOLEX1-0901430014_17 Datasheet
30Kb / 1P
   2.54mm Pitch C-Grid III Modular Crimp Housing, Dual Row, 14 Circuits
90143-0014 MOLEX11-90143-0014 Datasheet
36Kb / 1P
   2.54mm Pitch C-Grid III??Modular Crimp Housing, Dual Row, 14 Circuits
0901420034 MOLEX10-0901420034 Datasheet
154Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Dual Row, 34 Circuits
0901420020 MOLEX10-0901420020 Datasheet
154Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Dual Row, 20 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com