Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87914-3203 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87914-3203
Description  2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, 2.54關m (1.00關) Tin (Sn) Selective Plating, 32 Circuits, Tray Packaging,Lead-free
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87914-3203 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87914-3203 Datasheet HTML 1Page - Molex Electronics Ltd. 87914-3203 Datasheet HTML 2Page - Molex Electronics Ltd. 87914-3203 Datasheet HTML 3Page - Molex Electronics Ltd. 87914-3203 Datasheet HTML 4Page - Molex Electronics Ltd. 87914-3203 Datasheet HTML 5Page - Molex Electronics Ltd. 87914-3203 Datasheet HTML 6Page - Molex Electronics Ltd. 87914-3203 Datasheet HTML 7Page - Molex Electronics Ltd. 87914-3203 Datasheet HTML 8Page - Molex Electronics Ltd. 87914-3203 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Robotic Placement
None
Shrouded
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-89990-489
Product Specification
PS-87920-019
Sales Drawing
SD-87914-059
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87914-3203

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87914-3216 MOLEX10-87914-3216 Datasheet
3Mb / 48P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, 32 Circuits, 2.50關m (98.4關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
More results

Similar Description - 87914-3203

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879140806 MOLEX10-0879140806 Datasheet
770Kb / 11P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, 8 Circuits, 2.54關m (100關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0879140807 MOLEX10-0879140807 Datasheet
3Mb / 48P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, 8 Circuits, 2.54關m (100關) Tin (Sn) Overall Plating, Tray Packaging
0879143216 MOLEX10-0879143216 Datasheet
3Mb / 48P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, 32 Circuits, 2.50關m (98.4關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0878910206 MOLEX10-0878910206 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 2 Circuits, 2.54關m (100關) Tin (Sn) Plating, Tray Packaging, Lead-free
0879141616 MOLEX10-0879141616 Datasheet
3Mb / 48P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, 16 Circuits, 2.50關m (98.4關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0879142216 MOLEX10-0879142216 Datasheet
3Mb / 48P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, 22 Circuits, 2.50關m (98.4關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0879141416 MOLEX10-0879141416 Datasheet
3Mb / 48P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, 14 Circuits, 2.50關m (98.4關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0879143016 MOLEX10-0879143016 Datasheet
3Mb / 48P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, 30 Circuits, 2.50關m (98.4關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0879140216 MOLEX10-0879140216 Datasheet
3Mb / 48P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, 2 Circuits, 2.50關m (98.4關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0879140416 MOLEX10-0879140416 Datasheet
3Mb / 48P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, 4 Circuits, 2.50關m (98.4關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com