Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0878083001 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0878083001
Description  5.08mm (.200) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??S-P(B) Receptacle, Through Hole, Right Angle, Beveled Metal Pins
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0878083001 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0878083001 Datasheet HTML 1Page - Molex Electronics Ltd. 0878083001 Datasheet HTML 2Page - Molex Electronics Ltd. 0878083001 Datasheet HTML 3Page - Molex Electronics Ltd. 0878083001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 0878083001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878082003 MOLEX10-0878082003 Datasheet
193Kb / 4P
   5.08mm (.200) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??S-P(B) Receptacle, Through Hole, Right Angle
More results

Similar Description - 0878083001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878073001 MOLEX10-0878073001 Datasheet
252Kb / 5P
   5.08mm (.200) Pitch and Multi-Centers Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??S-P(B) Header, Through Hole, Right Angle, Beveled Metal Pins
0878746001 MOLEX10-0878746001 Datasheet
243Kb / 5P
   5.08mm (.200), 2.54mm (.100) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Pa-S Header, Through Hole, Right Angle, Beveled Metal Pins
0878082003 MOLEX10-0878082003 Datasheet
193Kb / 4P
   5.08mm (.200) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??S-P(B) Receptacle, Through Hole, Right Angle
0878072011 MOLEX10-0878072011 Datasheet
305Kb / 5P
   5.08mm (.200) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??SP(B) Header, Through Hole, Right Angle, Beveled Metal Pins, 34 Circuits
0876682004 MOLEX9-0876682004 Datasheet
203Kb / 4P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??SPb Receptacle, Through Hole, Right Angle, Beveled Metal Pins
0876323020 MOLEX9-0876323020 Datasheet
298Kb / 5P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??P-S-P Receptacle, Through Hole, Right Angle, with Beveled Metal Pins, 16 Circuits
0876323013 MOLEX9-0876323013 Datasheet
294Kb / 5P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??P-S-P Receptacle, Through Hole, Right Angle, with Beveled Metal Pins, 42 Circuits
0876323011 MOLEX9-0876323011 Datasheet
294Kb / 5P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??P-S-P Receptacle, Through Hole, Right Angle, with Beveled Metal Pins, 18 Circuits
0876323019 MOLEX9-0876323019 Datasheet
298Kb / 5P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??P-S-P Receptacle, Through Hole, Right Angle, with Beveled Metal Pins, 20 Circuits
0876323001 MOLEX9-0876323001 Datasheet
294Kb / 5P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus?줡-S-P Receptacle, Through Hole, Right Angle, with Beveled Metal Pins, 30 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com