Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

901980001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 901980001
Description  Board-In Stand Alone Crimp Terminal 90198, 22-26 AWG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

901980001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  901980001 Datasheet HTML 1Page - Molex Electronics Ltd. 901980001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901980001
Status:
Active
Description:
Board-In Stand Alone Crimp Terminal 90198, 22-26 AWG
Documents:
3D Model
Product Specification PS-90198 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
90198
Crimp Quality Equipment
Yes
Product Name
Board-In Stand Alone Terminal
Physical
Gender
Male
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
40.00
Plating min: Mating (µm)
1.000
Plating min: Termination (µin)
40.00
Plating min: Termination (µm)
1.00
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.52mm (.060") max.
Wire Size AWG
22, 24, 26
Wire Size mm²
N/A
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Reference - Drawing Numbers
Product Specification
PS-90198
Sales Drawing
SD-90198
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90198Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
T2 Terminator Die
0638534000
FineAdjust™
Applicator
0638634000
This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 901980001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9019 ETC2-9019 Datasheet
326Kb / 1P
   INSULATED PC SPACERS/SUPPORTS
logo
3M Electronics
9019 3M-9019 Datasheet
56Kb / 4P
   Double Coated Tapes with Adhesive 300
logo
Weidmuller
9019030000 WEIDMULLER-9019030000 Datasheet
226Kb / 3P
   Wire-end ferrule, Standard, 8 mm, 6 mm, grey
November 9, 2021
9019040000 WEIDMULLER-9019040000 Datasheet
226Kb / 3P
   Wire-end ferrule, Standard, 10 mm, 8 mm, grey
November 9, 2021
logo
List of Unclassifed Man...
9019054 ETC-9019054 Datasheet
189Kb / 3P
   Self-clinching nuts for metallic materials
More results

Similar Description - 901980001

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89STK-11 ATMEL-AT89STK-11 Datasheet
874Kb / 23P
   Stand-alone Board
logo
Molex Electronics Ltd.
0638278900 MOLEX-0638278900 Datasheet
14Kb / 1P
   Hand Crimp Tool for Board-in Crimp Terminals, 22-26 AWG
08/26/2022
5600850101 MOLEX1-5600850101_17 Datasheet
32Kb / 1P
   DuraClik Crimp Terminal, Female, 22-26 AWG, Reel
0011010088 MOLEX-0011010088 Datasheet
32Kb / 1P
   Hand Crimp Tool for Board-in Terminal, 22-24 AWG
11/17/2017
logo
FCI connector
76624-001LF FCI-CONNECTOR-76624-001LF Datasheet
89Kb / 1P
   RELIMATE TERMINAL (AWG#22-#26)
logo
Molex Electronics Ltd.
0562798000 MOLEX7-0562798000 Datasheet
95Kb / 2P
   3.30mm (.130") Pitch Crimp Terminal, Male, 22-26 AWG, Reel
63900-7700 MOLEX11-63900-7700 Datasheet
50Kb / 1P
   FineAdjust Applicator for 2.00mm Pitch Crimp Terminal, 22-26 AWG
0638277600 MOLEX11-0638277600 Datasheet
36Kb / 1P
   Hand Crimp Tool for TermiMate Crimp Terminal Receptacle, 22-26 AWG Wire
0008650116 MOLEX1-0008650116 Datasheet
162Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Terminal 2578, 22-26 AWG
5009891000 MOLEX11-5009891000 Datasheet
87Kb / 2P
   3.30mm (.130") Pitch Crimp Terminal, Female, 22-26 AWG, Reel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com