Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

885235514 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 885235514
Description  SC/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 15.0m (49.21)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

885235514 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  885235514 Datasheet HTML 1Page - Molex Electronics Ltd. 885235514 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 885235514

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
885235500 MOLEX10-885235500 Datasheet
94Kb / 2P
   SC/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
885235501 MOLEX10-885235501 Datasheet
94Kb / 2P
   SC/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
885235502 MOLEX10-885235502 Datasheet
94Kb / 2P
   SC/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
885235503 MOLEX10-885235503 Datasheet
94Kb / 2P
   SC/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
885235504 MOLEX10-885235504 Datasheet
94Kb / 2P
   SC/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
More results

Similar Description - 885235514

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885230214 MOLEX10-0885230214 Datasheet
91Kb / 2P
   SC/UPC-to-SC/UPC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 15.0m (49.21&039)
0885230114 MOLEX10-0885230114 Datasheet
99Kb / 2P
   FC/UPC-to-SC/UPC, Singlemode, 9/125關m/G652, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 15.0m (49.21&039)
0885235506 MOLEX10-0885235506 Datasheet
94Kb / 2P
   SC/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 7.0m (22.97)
88523-5514 MOLEX11-88523-5514 Datasheet
31Kb / 1P
   SC/UPC-to-ST/UPC, Singlemode, 9/125m/G652, Duplex, 3.00mm, Standard Fiber Optic Cable Assembly, 15.0m
0885235504 MOLEX10-0885235504 Datasheet
94Kb / 2P
   SC/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
0885235503 MOLEX10-0885235503 Datasheet
94Kb / 2P
   SC/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885235502 MOLEX10-0885235502 Datasheet
94Kb / 2P
   SC/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885235501 MOLEX10-0885235501 Datasheet
94Kb / 2P
   SC/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885235500 MOLEX10-0885235500 Datasheet
94Kb / 2P
   SC/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885235505 MOLEX10-0885235505 Datasheet
94Kb / 2P
   SC/UPC-to-ST/UPC, Singlemode, 9/125關m/G652, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 6.0m (19.68)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com