Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0885235314 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0885235314
Description  SC-to-ST, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 15.0m (49.21)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0885235314 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0885235314 Datasheet HTML 1Page - Molex Electronics Ltd. 0885235314 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0885235314
Status:
Active
Overview:
fiber_optic_product_families
Description:
SC-to-ST, Multimode, 62.5/125µm, Duplex, 3.00mm (.118"), Standard Fiber Optic
Cable Assembly, 15.0m (49.21' )
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Assemblies
Series
88523
Connector to Connector
SC-to-ST
Mode
Multimode
Overview
fiber_optic_product_families
Product Name
SC, ST
Physical
Cable Length
15.0m (49.21' )
Cable Size
3.00mm (.118")
Fiber (Core/Cladding)
62.5/125µm
Single Ended
No
Wire/Cable Type
Duplex
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-88523-063
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
88523Series
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0885235314

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885235300 MOLEX10-0885235300 Datasheet
96Kb / 2P
   SC-to-ST, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885235301 MOLEX10-0885235301 Datasheet
96Kb / 2P
   SC-to-ST, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885235302 MOLEX10-0885235302 Datasheet
96Kb / 2P
   SC-to-ST, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
0885235304 MOLEX10-0885235304 Datasheet
96Kb / 2P
   SC-to-ST, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885235306 MOLEX10-0885235306 Datasheet
96Kb / 2P
   SC-to-ST, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 7.0m (22.97)
More results

Similar Description - 0885235314

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0885235214 MOLEX10-0885235214 Datasheet
104Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 15.0m (49.21)
0885235914 MOLEX10-0885235914 Datasheet
158Kb / 2P
   SC-to-SC, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 15.0m (49.21)
0885235414 MOLEX10-0885235414 Datasheet
92Kb / 2P
   ST-to-ST, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 15.0m (49.21)
0885235300 MOLEX10-0885235300 Datasheet
96Kb / 2P
   SC-to-ST, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885279307 MOLEX10-0885279307 Datasheet
90Kb / 2P
   ST-to-ST, Multimode, 50/125關m, Simplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 15.0m (49.21)
0885235306 MOLEX10-0885235306 Datasheet
96Kb / 2P
   SC-to-ST, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 7.0m (22.97)
0885235304 MOLEX10-0885235304 Datasheet
96Kb / 2P
   SC-to-ST, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 5.0m (16.40)
0885235301 MOLEX10-0885235301 Datasheet
96Kb / 2P
   SC-to-ST, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 2.0m (6.56)
0885235309 MOLEX10-0885235309 Datasheet
96Kb / 2P
   SC-to-ST, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 10.0m (32.81)
0885235302 MOLEX10-0885235302 Datasheet
96Kb / 2P
   SC-to-ST, Multimode, 62.5/125關m, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com