Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0877602816 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0877602816
Description  2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 28 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0877602816 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0877602816 Datasheet HTML 1Page - Molex Electronics Ltd. 0877602816 Datasheet HTML 2Page - Molex Electronics Ltd. 0877602816 Datasheet HTML 3Page - Molex Electronics Ltd. 0877602816 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Solder Process Data
Duration at Max. Process Temperature (seconds)
14
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
265
Material Info
Reference - Drawing Numbers
Product Specification
PS-87761-100
Sales Drawing
SD-87760-109
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0877602816

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877602817 MOLEX10-0877602817 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 28 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Tray, Lead-free
More results

Similar Description - 0877602816

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877600006 MOLEX10-0877600006 Datasheet
101Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 16 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877603616 MOLEX10-0877603616 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877603416 MOLEX10-0877603416 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 34 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877602216 MOLEX10-0877602216 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 22 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877603016 MOLEX10-0877603016 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 30 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877601816 MOLEX10-0877601816 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 18 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877600816 MOLEX10-0877600816 Datasheet
167Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 8 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877601046 MOLEX10-0877601046 Datasheet
114Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 10 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877605016 MOLEX10-0877605016 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 50 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
0877604816 MOLEX10-0877604816 Datasheet
172Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Through Hole, 48 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray, Lead-free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com