Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87977-0051 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 87977-0051
Description  1.00mm (.039) Pitch Fully Buffered DIMM Socket, Vertical, Press-Fit, 240 Circuits, 1.8V Center Voltage Key, with Plastic Locating Peg and Press-Fit Metal Pins
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87977-0051 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  87977-0051 Datasheet HTML 1Page - Molex Electronics Ltd. 87977-0051 Datasheet HTML 2Page - Molex Electronics Ltd. 87977-0051 Datasheet HTML 3Page - Molex Electronics Ltd. 87977-0051 Datasheet HTML 4Page - Molex Electronics Ltd. 87977-0051 Datasheet HTML 5Page - Molex Electronics Ltd. 87977-0051 Datasheet HTML 6Page - Molex Electronics Ltd. 87977-0051 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image


Similar Part No. - 87977-0051

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87977-0021 MOLEX10-87977-0021 Datasheet
409Kb / 7P
   1.00mm (.039) Pitch Fully Buffered DIMM Socket, Vertical, Press-Fit, 240 Circuits, 1.8V Center Voltage Key, with Plastic Locating Peg and Press-Fit Metal Pins
More results

Similar Description - 87977-0051

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879770021 MOLEX10-0879770021 Datasheet
409Kb / 7P
   1.00mm (.039) Pitch Fully Buffered DIMM Socket, Vertical, Press-Fit, 240 Circuits, 1.8V Center Voltage Key, with Plastic Locating Peg and Press-Fit Metal Pins
0879779001 MOLEX10-0879779001 Datasheet
409Kb / 7P
   1.00mm (.039) Pitch Fully Buffered DIMM Socket, Vertical, Press-Fit, 240 Circuits, 1.8V Center Voltage Key, with Plastic Locating Peg and Press-Fit Metal Pins
0877465111 MOLEX9-0877465111 Datasheet
517Kb / 8P
   1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Press-fit, 1.8V Center Keys
0780658001 MOLEX9-0780658001 Datasheet
316Kb / 6P
   1.00mm (.039") Pitch DDR2 DIMM Socket, Very Low Profile, Vertical, Press-fit, 1.8V Center Keys
0877469001 MOLEX9-0877469001 Datasheet
520Kb / 8P
   1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Press-fit, 1.8V Center Keys, 3.30mm (.130") Tail Length
0877465311 MOLEX9-0877465311 Datasheet
520Kb / 8P
   1.00mm (.039) Pitch DDR-II DIMM Socket, Vertical, Press-fit, 1.8V Center Keys, 3.30mm (.130) Tail Length, Clear Latches, 240 Circuits
0877469011 MOLEX9-0877469011 Datasheet
519Kb / 8P
   1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Press-fit, 1.8V Center Keys, 3.30mm (.130") Tail Length
0877468011 MOLEX9-0877468011 Datasheet
521Kb / 8P
   1.00mm (.039) Pitch DDR-II DIMM Socket, Vertical, Press-fit, 1.8V Center Keys, 4.20mm (.165) Tail Length, Beige Latches, 240 Circuits
0879781051 MOLEX10-0879781051 Datasheet
401Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins, Very Low Profile Black Latches, 240 Circuits, 1.8V Center Voltage Key
0879781021 MOLEX10-0879781021 Datasheet
401Kb / 7P
   1.00mm (.039) Pitch DDR-2 DIMM Socket, Vertical, with Beveled Metal Pins, Very Low Profile Black Latches, 240 Circuits, 1.8V Center Voltage Key
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com