Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0878351643 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0878351643
Description  2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 16 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0878351643 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0878351643 Datasheet HTML 1Page - Molex Electronics Ltd. 0878351643 Datasheet HTML 2Page - Molex Electronics Ltd. 0878351643 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0878351643
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch C-Grid® Header, Right Angle, Through Hole, Dual Row, Low
Profile, Shrouded, 16 Circuits, 0.38µm (15µ") Gold (Au) Selective Plating, Center
Polarization Slot, with Two End Slots, Kinked PC Tails, Lead-free
Documents:
3D Model
Product Specification PS-70246-100 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
87835
Application
Wire-to-Board
Comments
<LI>Kinking at First and Last Pin of Inner Row
Overview
cgrid__sl_products
Product Name
C-Grid®
Physical
Breakaway
No
Circuits (Loaded)
16
Circuits (maximum)
16
Color - Resin
Natural
Durability (mating cycles max)
50
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.125 In
PC Tail Length (mm)
3.18 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
15.2
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to Mating Part
Center Slot
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +120°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87835Series
Mates With
.050" pitch ribbon cable connectors


Similar Part No. - 0878351643

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878351642 MOLEX10-0878351642 Datasheet
118Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 16 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
More results

Similar Description - 0878351643

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878352043 MOLEX10-0878352043 Datasheet
105Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 20 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0878355043 MOLEX10-0878355043 Datasheet
105Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 50 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0878354043 MOLEX10-0878354043 Datasheet
105Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 40 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0878351043 MOLEX10-0878351043 Datasheet
105Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 10 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0878351642 MOLEX10-0878351642 Datasheet
118Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 16 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0702460801 MOLEX8-0702460801 Datasheet
187Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 Header, Low Profile, Dual Row, Vertical, Shrouded, 8Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0878341048 MOLEX10-0878341048 Datasheet
101Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Through Hole, Shrouded, Lead-free, 10 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0702471651 MOLEX8-0702471651 Datasheet
172Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Header, Dual Row, Low Profile, Right Angle, Shrouded,16 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0878352442 MOLEX10-0878352442 Datasheet
118Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 24 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0878350842 MOLEX10-0878350842 Datasheet
118Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Right Angle, Through Hole, Dual Row, Low Profile, Shrouded, 8 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com