Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87957-1004 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 87957-1004
Description  2.50mm (.098) Pitch Header, Right Angle, Through Hole, 4 Circuits, Tin (Sn) Overall Plating, Tray Packaging, Lead-free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87957-1004 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  87957-1004 Datasheet HTML 1Page - Molex Electronics Ltd. 87957-1004 Datasheet HTML 2Page - Molex Electronics Ltd. 87957-1004 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 87957-1004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87957-1005 MOLEX10-87957-1005 Datasheet
102Kb / 3P
   2.50mm (.098) Pitch Header, Right Angle, Through Hole, 5 Circuits, Tin (Sn) Overall Plating, Tray Packaging, Lead-free
More results

Similar Description - 87957-1004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879571005 MOLEX10-0879571005 Datasheet
102Kb / 3P
   2.50mm (.098) Pitch Header, Right Angle, Through Hole, 5 Circuits, Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0879571010 MOLEX10-0879571010 Datasheet
102Kb / 3P
   2.50mm (.098) Pitch Header, Right Angle, Through Hole, 10 Circuits, Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0879510001 MOLEX10-0879510001 Datasheet
87Kb / 3P
   2.50mm (.098) Pitch Header, Vertical, Through Hole, 8 Circuits, Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0878910408 MOLEX10-0878910408 Datasheet
299Kb / 5P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Vertical, 4 Circuit, 2.50關m (100關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0878910606 MOLEX10-0878910606 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 6 Circuits, 2.50關m (100關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0878910306 MOLEX10-0878910306 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 3 Circuits, 2.50關m (100關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0878914006 MOLEX10-0878914006 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 40 Circuits, 2.50關m (100關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0879140416 MOLEX10-0879140416 Datasheet
3Mb / 48P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, 4 Circuits, 2.50關m (98.4關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0022051101 MOLEX2-0022051101 Datasheet
243Kb / 5P
   2.50mm (.098) Pitch Header, Right Angle, Square Pin, 10 Circuits, Tin (Sn) Plating
0879795006 MOLEX10-0879795006 Datasheet
227Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Breakaway Header, Horizontal Surface Mount, 50 Circuits, Tin (Sn) Overall Plating, Tray Packaging, Lead-free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com